Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CFGL202BLIE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6CFGL202BLIE
Description  Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL202BLIE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6CFGL202BLIE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
All trademarks are property of their respective owners.
www.pericom.com
03/03/15
PI6CFGL202B
Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
Pin Description
Pin # Pin Name
Type
Description
1
S0
Input
Select pin 0 (Internal pull-up resistor). See Table 1.
2
S1
Input
Select pin 1 (Internal pull-up resistor). See Table 1.
3
SS0
Input
Spread Select pin 0 (Internal pull-up resistor). See Table 2.
4
XTAL_IN
Input
Crystal or clock input. Connect to a 25MHz crystal or single ended clock.
5
XTAL_OUT Output
Crystal connection. Leave unconnected for clock input.
6
OE
Input
Output enable. Internal pull-up resistor.
7
GNDX
Power
Crystal ground pin.
8
SS1
Input
Spread Select pin 1 (Internal pull-up resistor). See Table 2.
9
VDDDIG3.3 Power
3.3V digital power.
10
CLK1#
Output
HCSL compliment clock output, LOW when output is disabled.
11
CLK1
Output
HCSL clock output, LOW when output is disabled.
12
VDDO
Power
Power supply, nominal 1.8V, range1.05V~3.3V.
13
GNDA
Power
Output and analog circuit ground.
14
CLK0#
Output
HCSL compliment clock output, LOW when output is disabled.
15
CLK0
Output
HCSL clock output, LOW when output is disabled.
16
VDDA3.3
Power
3.3V power supply for PLL core.
Table 1: Frequency Select Table
S1
S0
CLK(MHz)
0
0
25
0
1
100
1
0
125
1
1
200
Table 2: Spread Selection Table
SS1
SS0
Spread
0
0
No Spread
0
1
Down -0.5
1
0
Down -0.75
1
1
No Spread
15-0025



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com