Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0819 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0819
Description  8-Bit Serial I/O A/D Converter with 19-Channel Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0819 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC0819 Datasheet HTML 1Page - National Semiconductor (TI) ADC0819 Datasheet HTML 2Page - National Semiconductor (TI) ADC0819 Datasheet HTML 3Page - National Semiconductor (TI) ADC0819 Datasheet HTML 4Page - National Semiconductor (TI) ADC0819 Datasheet HTML 5Page - National Semiconductor (TI) ADC0819 Datasheet HTML 6Page - National Semiconductor (TI) ADC0819 Datasheet HTML 7Page - National Semiconductor (TI) ADC0819 Datasheet HTML 8Page - National Semiconductor (TI) ADC0819 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
65V
Voltage
Inputs and Outputs
b
03V to VCC a03V
Input Current Per Pin (Note 3)
g
5mA
Total Package Input Current (Note 3)
g
20mA
Storage Temperature
b
65 Cto a150 C
Package Dissipation at TAe25 C
875 mW
Lead Temperature (Soldering 10 sec)
Dual-In-Line Package (Plastic)
260 C
Surface Mount Package
Vapor Phase (60 sec)
215 C
Infrared (15 sec)
220 C
ESD Susceptibility (Note 11)
2000V
Operating Ratings (Notes12)
Supply Voltage (VCC)
45 VDC to 60 VDC
Temperature Range
TMIN s TA s TMAX
ADC0819BCV ADC0819CCV
b
40 C s TA s a85 C
ADC0819BCN
0 C s TA s a70 C
ADC0819CIN
b
40 C s TA s a85 C
Electrical Characteristics
The following specifications apply for VCC e 5V VREF e 5V w2 CLK e 2097 MHz unless otherwise specified Boldface limits
apply from TMIN to TMAX all other limits TA e TJ e 25 C
Typical
Tested
Design
Parameter
Conditions
(Note 6)
Limit
Limit
Units
(Note 7)
(Note 8)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
Maximum Total
VREFe500 VDC
Unadjusted Error
(Note 4)
ADC0819BCV BCN
g
g
LSB
ADC0819CCV CIN
g
1
g
1
LSB
Minimum Reference
8
5
kX
Input Resistance
Maximum Reference
811
11
kX
Input Resistance
Maximum Analog Input Range
(Note 5)
VCCa005
VCCa005
V
Minimum Analog Input Range
GNDb005
GNDb005
V
On Channel Leakage Current
(Note 9)
On Channele5V
400
1000
nA
Off Channele0V
On Channele0V
b
400
b
1000
nA
Off Channele5V
(Note 9)
Off Channel Leakage Current
(Note 9)
On Channele5V
b
400
b
1000
nA
Off Channele0V
On Channele0V
400
1000
nA
Off Channele5V
(Note 9)
Minimum VTEST
VREFeVCC
(Note 10)
Internal Test Voltage
CH 19 Selected
125
125
Counts
Maximum VTEST
VREFeVCC
(Note 10)
Internal Test Voltage
CH 19 Selected
130
130
Counts
DIGITAL AND DC CHARACTERISTICS
VIN(1) Logical ‘‘1’’ Input
VCCe525V
20
20
V
Voltage (Min)
VIN(0) Logical ‘‘0’’ Input
VCCe475V
08
08
V
Voltage (Max)
IIN(1) Logical ‘‘1’’ Input
VINe50V
0005
25
25
m
A
Current (Max)
IIN(0) Logical ‘‘0’’ Input
VINe0V
b
0005
b
25
b
25
m
A
Current (Max)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com