Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3556TME Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3556TME
Description  Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3556TME Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3556TME Datasheet HTML 5Page - Texas Instruments LM3556TME Datasheet HTML 6Page - Texas Instruments LM3556TME Datasheet HTML 7Page - Texas Instruments LM3556TME Datasheet HTML 8Page - Texas Instruments LM3556TME Datasheet HTML 9Page - Texas Instruments LM3556TME Datasheet HTML 10Page - Texas Instruments LM3556TME Datasheet HTML 11Page - Texas Instruments LM3556TME Datasheet HTML 12Page - Texas Instruments LM3556TME Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
40 ms/DIV
100 mV/
DIV
VOUT
200 mA/
DIV
IIN
ILED
200 mA/
DIV
400 s/DIV
1A/DIV
VIN
200 mV/
DIV
ILED
IIN
1A/DIV
100ms/DIV
2V/DIV
VOUT
500mA/
DIV
IIN
STROBE
ILED
2V/DIV
1A/DIV
100 ms/DIV
2V/DIV
VOUT
500 mA/
DIV
IIN
STROBE
ILED
2V/DIV
1A/DIV
2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2
3.34
3.36
3.38
3.40
3.42
3.44
3.46
3.48
3.50
3.52
VIN (V)
25°C
- 40°C
85°C
1 ms/DIV
1V/DIV
VOUT
1A/DIV
IIN
VIN
ILED
2V/DIV
1A/DIV
LM3556
www.ti.com
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
Typical Characteristics (continued)
Current Limit = 1.7 A
Current Limit = 3.1 A
Figure 15. Start-Up Plot With Part In Boost Mode Current
Figure 14. Input Current Limit Over Temperature and VIN
Limit
400 ms
400 ms
Figure 17. Strobe With Level-Triggered Signal
Figure 16. Strobe With Edge-Triggered Signal
Figure 18. Internal Indicator Operation
Figure 19. Input Voltage Flash Monitor Report Mode With
Default Settings
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com