Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1024084 Datasheet(PDF) 5 Page - SICK AG

Part # 1024084
Description  LONG RANGE DISTANCE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1024084 Datasheet(HTML) 5 Page - SICK AG

  1024084 Datasheet HTML 1Page - SICK AG 1024084 Datasheet HTML 2Page - SICK AG 1024084 Datasheet HTML 3Page - SICK AG 1024084 Datasheet HTML 4Page - SICK AG 1024084 Datasheet HTML 5Page - SICK AG 1024084 Datasheet HTML 6Page - SICK AG 1024084 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DME5000-122 | DME5000
LONG RANGE DISTANCE SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
5
Recommended accessories
Other models and accessories
www.sick.com/DME5000
Brief description
Type
Part no.
Terminal and alignment brackets
Alignment unit for DME5000, stainless steel (1.4541), incl. mounting material, addition-
al base plate mounting kit required, mounting hardware included
BEF-AH-DME5
2027721
Plug connectors and cables
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PROFIBUS DP, PUR, halogen-free, shielded, 5 m
DOL-1205-G05MQ
6026006
Head A: female connector, M12, 5-pin, A-coded
Head B: cable
Cable: Power, CAN, unshielded, 5 m
DOL-1205-
G05M_Can
6021166
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: CANopen, Shielded cable, 6 m
DOL-1205-G06MK
6028326
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PROFIBUS DP, PVC, shielded, 10 m
DOL-1205-G10MQ
6026008
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: CAN/CANopen, shielded, 10 m
Shielded on pin 1
DOL-1205-
G10M_Can
6021175
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PROFIBUS DP, shielded, 15 m
DOL-1205-G15MQ
6032637
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: PUR, halogen-free, shielded, 2 m
DOL-1208-G02MAH1
6032448
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, shielded, 5 m
DOL-1208-G05MAH1
6032449
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: PUR, halogen-free, shielded, 10 m
DOL-1208-G10MAH1
6032450
Head A: female connector, M16, 8-pin, straight
Head B: cable
Cable: PUR, halogen-free, shielded, 5 m
DOL-1608-G05MA
2026742
Head A: female connector, M16, 8-pin, straight
Head B: cable
Cable: PUR, halogen-free, shielded, 10 m
DOL-1608-G10MA
2027193
Head A: male connector, M12, 5-pin, straight, B-coded
Head B: cable
Cable: PROFIBUS DP, drag chain use, PUR, halogen-free, shielded, 5 m
Wire shield Al-Pt film, overall shield C-screen tin-plated
STL-1205-G05MQ
6026005
Head A: male connector, M12, 5-pin, straight, B-coded
Head B: cable
Cable: PROFIBUS DP, drag chain use, PUR, halogen-free, shielded, 10 m
Wire shield Al-Pt film, overall shield C-screen tin-plated
STL-1205-G10MQ
6026007
Head A: male connector, M12, 5-pin, straight, B-coded
Head B: cable
Cable: PROFIBUS DP, drag chain use, PUR, halogen-free, shielded, 15 m
STL-1205-G15MQ
6036898



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com