Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08231 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08231
Description  8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08231 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC08231 Datasheet HTML 9Page - National Semiconductor (TI) ADC08231 Datasheet HTML 10Page - National Semiconductor (TI) ADC08231 Datasheet HTML 11Page - National Semiconductor (TI) ADC08231 Datasheet HTML 12Page - National Semiconductor (TI) ADC08231 Datasheet HTML 13Page - National Semiconductor (TI) ADC08231 Datasheet HTML 14Page - National Semiconductor (TI) ADC08231 Datasheet HTML 15Page - National Semiconductor (TI) ADC08231 Datasheet HTML 16Page - National Semiconductor (TI) ADC08231 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Functional Description
10 MULTIPLEXER ADDRESSING
The design of these converters utilizes a comparator struc-
ture with built-in sample-and-hold which provides for a dif-
ferential analog input to be converted by a successive-
approximation routine
The actual voltage converted is always the difference be-
tween an assigned ‘‘a’’ input terminal and a ‘‘b’’ input ter-
minal The polarity of each input terminal of the pair indi-
cates which line the converter expects to be the most posi-
tive If the assigned ‘‘a’’ input voltage is less than the ‘‘b’’
input voltage the converter responds with an all zeros out-
put code
A unique input multiplexing scheme has been utilized to pro-
vide multiple analog channels with software-configurable
single-ended differential or pseudo-differential (which will
convert the difference between the voltage at any analog
input and a common terminal) operation The analog signal
conditioning required in transducer-based data acquisition
systems is significantly simplified with this type of input flexi-
bility One converter package can now handle ground refer-
enced inputs and true differential inputs as well as signals
with some arbitrary reference voltage
A particular input configuration is assigned during the MUX
addressing sequence prior to the start of a conversion The
MUX address selects which of the analog inputs are to be
enabled and whether this input is single-ended or differen-
tial Differential inputs are restricted to adjacent channel
pairs For example channel 0 and channel 1 may be select-
ed as a differential pair but channel 0 or 1 cannot act
differentially with any other channel In addition to selecting
differential mode the polarity may also be selected Channel
0 may be selected as the positive input and channel 1 as
the negative input or vice versa This programmability is
best illustrated by the MUX addressing codes shown in the
following tables for the various product options
The MUX address is shifted into the converter via the DI
line Because the ADC08231 contains only one differential
input channel with a fixed polarity assignment it does not
require addressing
The common input line (COM) on the ADC08238 can be
used as a pseudo-differential input In this mode the voltage
on this pin is treated as the ‘‘b’’ input for any of the other
input channels This voltage does not have to be analog
ground it can be any reference potential which is common
to all of the inputs This feature is most useful in single-sup-
ply applications where the analog circuitry may be biased up
to a potential other than ground and the output signals are
all referred to this potential
TABLE I MultiplexerPackage Options
Part
Number of Analog Channels
Number of
Number
Single-Ended
Differential
Package Pins
ADC08231
1
1
8
ADC08234
4
2
14
ADC08238
8
4
20
TABLE II MUX Addressing ADC08238
Single-Ended MUX Mode
MUX Address
Analog Single-Ended Channel
START
SGL
ODD
SELECT
01234567
COM
DIF
SIGN
10
11
0
0
0
a
b
11
0
0
1
ab
11
0
1
0
ab
11
0
1
1
ab
11
1
0
0
ab
11
1
0
1
ab
11
1
1
0
ab
11
1
1
1
ab
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com