Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC465LP5 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC465LP5
Description  GaAs PHEMT MMIC MODULATOR DRIVER AMPLIFIER, DC - 20.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC465LP5 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC465LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC465LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC465LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC465LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC465LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC465LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC465LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC465LP5 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MICROWAVE CORPORATION
8 - 277
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC465LP5
v00.0404
GaAs PHEMT MMIC MODULATOR DRIVER
AMPLIFIER, DC - 20.0 GHz
Outline Drawing
Absolute Maximum Ratings
NOTES:
1. PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED
PLASTIC SILICA AND SILICON IMPREGNATED
2. LEAD AND GROUND PADDLE MATERIAL: COPPER ALLOY
3. LEAD AND GRPUND PADDLE PLATING: Sn/Pb SOLDER
4. DIMENSIONS ARE IN INCHES [MILLIMETERS]
5. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
6. PAD BURR LENGTH SHALL BE 0.15mm MAX. PAD BURR HEIGHT
SHALL BE 0.25mm MAX
7. PACKAGE WRAP SHALL NOT EXCEED 0.05mm
8. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED
TO PCB RF GROUND
Drain Bias Voltage (Vdd)
+9.0 Vdc
Gate Bias Voltage (Vgg1)
-2.0 to 0 Vdc
Gate Bias Voltage (Vgg2)
(Vdd -8.0) Vdc to Vdd
RF Input Power (RFin)(Vdd = +8.0 Vdc)
+23 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 24 mW/°C above 85 °C)
1.56 W
Thermal Resistance
(channel to ground paddle)
41.5 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Vdd (V)
Idd (mA)
+7.5
161
+8.0
160
+8.5
159
Typical Supply Current vs. Vdd



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com