Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40WS Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # BAS40WS
Description  Sc hottky barrier diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

BAS40WS Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  BAS40WS Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BAS40WS Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BAS40WS Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky barrier diodes
BAS40WS
FEATURES
Low turn-on voltage
Fast switching
PN junction guard for transient and ESD protection
Designed for surface mount application
Plastic material-UL recognition flammability
classification 94V-O
APPLICATIONS
SOD-323
Surface mount fast switching diode
ORDERING INFORMATION
Type No.
Marking
Package Code
BAS40WS
43
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC Reverse Voltage
VRRM
VRWM
VR
40
V
Forward Continuous Current
IF
200
mA
Peak forward surge current@<1.0s
IFSM
600
mA
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient
RθJA
625
℃
/W
Junction and Storage Temperature Rage
Tj,TSTG
-55 to +125
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Min
Typ.
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
40
-
V
IR=10μA
Forward Voltage
VF
-
0.38
1.0
V
IF=1.0mA
IF=40mA
Reverse Current
IR
-
20
200
nA
VR=30V
Capacitance between terminals
CT
-
4
5
pF
VR=0,f=1.0MHz
Reverse Recovery Time
trr
-
5
ns
IF=IR=10mA,
RL=100Ω
Pb
Lead-free
2014-03 01版
http://www.microdiode.com


Similar Part No. - BAS40WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAS40WS JIANGSU-BAS40WS Datasheet
243Kb / 3P
SCHOTTKY DIODE
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BAS40WS KEXIN-BAS40WS Datasheet
38Kb / 1P
Surface Mount Schottky Barrier Diode
logo
SEMTECH ELECTRONICS LTD...
BAS40WS SEMTECH_ELEC-BAS40WS Datasheet
313Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - BAS40WS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Gaomi Xinghe Electronic...
SB240 GXELECTRONICS-SB240 Datasheet
296Kb / 2P
2 AM PERE SC HOTTKY BARRIER RECTIFIERS
SB260 GXELECTRONICS-SB260 Datasheet
296Kb / 2P
2 AM PERE SC HOTTKY BARRIER RECTIFIERS
logo
ON Semiconductor
MBRS130T3G ONSEMI-MBRS130T3G Datasheet
97Kb / 3P
Surface Mount hottky Power Rectifier
December, 2013 ??Rev. 8
logo
Shanghai Leiditech Elec...
S-SR3A LEIDITECH-S-SR3A Datasheet
901Kb / 3P
SURFACE MOUNT Sc hottky BARRIER RECTIFIERS
logo
Rectron Semiconductor
SC3S12020D RECTRON-SC3S12020D Datasheet
206Kb / 5P
Silicon Carbide Sc hottky Diode
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com