Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC490LP5 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC490LP5
Description  GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 16 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC490LP5 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC490LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC490LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC490LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC490LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC490LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC490LP5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
8 - 320
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC490LP5
GaAs PHEMT MMIC LOW NOISE
HIGH IP3 AMPLIFIER, 12 - 16 GHz
v00.0404
P1dB vs. Temperature
Gain, Noise Figure & OIP3 vs.
Supply Voltage @ 14 GHz, Idd= 200 mA
Power Compression @ 14 GHz
Reverse Isolation vs. Temperature
Psat vs. Temperature
Gain, Noise Figure & IP3 vs.
Supply Current @ 14 GHz, Vdd= 5V*
* Idd is controlled by varying Vgg
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
10
11
12
13
14
15
16
17
18
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
10
11
12
13
14
15
16
17
18
+25 C
+85 C
-40 C
FREQUENCY (GHz)
20
22
24
26
28
30
32
34
36
38
40
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
Gain
OIP3
Noise Figure
Vdd (Vdc)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
-20 -18 -16 -14 -12 -10 -8
-6
-4
-2
0
2
4
6
8
10
Pout (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
-70
-60
-50
-40
-30
-20
-10
0
10
11
12
13
14
15
16
17
18
+25 C
+85 C
-40 C
FREQUENCY (GHz)
14
16
18
20
22
24
26
28
30
32
34
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
100
125
150
175
200
Gain
OIP3
Noise Figure
Idd (mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com