Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6D Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # S6D
Description  SURFACE MOUNT GENERAL RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

S6D Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  S6D Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd S6D Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd S6D Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Average Forward Rectified Current - Amperes
versus
Case Temperature -
qC
Figure 2
Forward Derating Curve
40
60
100
120
140
160
0
2
4
6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
qC
80
8
10
12
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
10
20
60
100
200
1000
Junction Capacitance - pF
versus
Reverse Voltage - Volts
pF
Volts
600
400
40
400
1000
TJ=25
qC
Figure 1
Typical Forward Characteristics
Instantaneous Forward Current - Amperes
versus
Instantaneous Forward Voltage - Volts
Volts
4
6
20
10
Amps
.5
1.5
.7
.9
1.1
1.3
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
qC
40
60
100
1.7
RATINGS AND CHARACTERISTIC CURVES S6A THRU S6M
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com