Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6LC48P02 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6LC48P02
Description  2-Output LVPECL Fibre Channel (FC) and Ethernet Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P02 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6LC48P02 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.pericom.com
PI6LC48P02
Rev. C
08/13/15
PI6LC48P02
2-Output LVPECL Fibre Channel (FC) and Ethernet Clock Generator
Output Frequency Selection Table
Xtal Frequency (MHz)
N_SEL1 N_SEL0 Output Frequency (MHz)
25
0 0
200
0 1
150
1 0
100
1 1
50
26.5625
0 0
212.5
0 1
159.375
1 0
106.25
1 1
53.125
23.4375
0 0
187.5
26.041667
0 1
156.25
Typical Crystal Requirement
Parameter
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
23.33
28.33
MHz
Equivalent Series Resistance
(ESR)
50
Ω
Shunt Capacitance
7
pF
Drive Level
1
mW
Recommended Crystal Specification
Pericom recommends:
a) FL2650003, SMD 3.2x2.5(4P), 26.5625MHz, CL=18pF, +/-25ppm, http://www.pericom.com/pdf/datasheets/se/FL.pdf
b) FY2650002, SMD 5x3.2(4P), 26.5625MHz, CL=18pF, +/-30ppm, http://www.pericom.com/pdf/datasheets/se/FY_F9.pdf
c) FL2500047, SMD 3.2x2.5(4P), 25MHz, CL=18pF, +/-20ppm. http://www.pericom.com/pdf/datasheets/se/FL.pdf
d) FY2500091, SMD 5x3.2(4P), 25MHz, CL=18pF, +/-30ppm. http://www.pericom.com/pdf/datasheets/se/FY_F9.pdf
For other crystal options, please contact Pericom sales.
15-0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com