Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6LC48P21 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6LC48P21
Description  Single Output LVPECL Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P21 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6LC48P21 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P21 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P21 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P21 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P21 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P21 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P21 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
www.pericom.com
PI6LC48P21
Rev. A
06/19/13
PI6LC48P21
Single Output LVPECL Clock Generator
Pinout Table
Pin No.
Pin Name
I/O Type
Description
1
VDDA
Power
Analog Power Supply
2
GND
Power
Ground
3, 4
XTAL_OUT,
XTAL_IN
Crystal
Crystal Input and Output
5
NC
No Connect
6, 7
CLK#, CLK
Output
Output Clock
8
VDD
Power
Core Power Supply
Output Frequency Table
Xtal Frequency (MHz)
Output Frequency (MHz)
25
125
26.6
133
Typical Crystal Requirement
Parameter
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
22.4
25
28
MHz
Equivalent Series Resistance
(ESR)
50
Ω
Shunt Capacitance
7
pF
Drive Level
1
mW
Recomended Crystal Specification
Pericom recommends:
a) FL2500047, SMD 3.2x2.5(4P), 25MHz, CL=18pF, +/-20ppm
http://www.pericom.com/pdf/datasheets/se/FL.pdf
b) b) FY2500091, SMD 5x3.2(4P), 25MHz, CL=18pF, +/-30ppm
http://www.pericom.com/pdf/datasheets/se/FY_F9.pdf
13-0096



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com