Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6LC48P0201 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6LC48P0201
Description  2-Output LVPECL Networking Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P0201 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6LC48P0201 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P0201 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P0201 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P0201 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P0201 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P0201 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P0201 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P0201 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6LC48P0201 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.pericom.com
PI6LC48P0201
Rev. D
08/05/15
PI6LC48P0201
2-Output LVPECL Networking Clock Generator
50Ω
150Ω
0.01µF
Z = 50Ω
L = 0 ~ 10in
150Ω
Device
O
Z = 50Ω
O
50Ω
0.01µF
LVPECL Test Circuit
Power Supply Filtering Techniques
As in any high speed analog circuitry, the power supply pins are vulnerable to random noise. To achieve optimum jitter perfor-
mance, power supply isolation is required. The PI6LC48P0201 provides separate power supplies to isolate any high switching noise
from the outputs to the internal PLL. VDD, VDDA and VDDO should be individually connected to the power supply plane through
vias, and 0.1μF bypass capacitors should be used for each pin. Figure below illustrates this for a generic VDD pin and also shows that
VDDA requires that an additional 10Ω resistor along with a 10μF bypass capacitor be connected to the VDDA pin.
VDD
0.1µF
0.1µF
10µF
10Ω *
3.3V or 2.5V
VDDA
* If VDD is 2.5V, the resistor value will be di erent, see app note for details
15-0107



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com