Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6LC48P0101LIEX Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6LC48P0101LIEX
Description  HiFlex 10GbE Clock Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P0101LIEX Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6LC48P0101LIEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P0101LIEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P0101LIEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P0101LIEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P0101LIEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P0101LIEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P0101LIEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P0101LIEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P0101LIEX Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PI6LC48P0101
HiFlex 10GbE Clock Generator
www.pericom.com
PI6LC48P0101 Rev A
09/01/15
Maximum Ratings
Note:
NOTE: Stresses beyond those listed under Absolute Maximum
Ratings may cause permanent damage to the device. These
ratings are stress specifications only. Functional operation of
product at these conditions or any conditions beyond those
listed in the DC Characteristics or AC Characteristics is not
implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
LVCMOS/LVTTL DC Characteristics (VDD= 3.3V±5% or 2.5V±5%, VEE = 0V, TA = -40°C to 85°C)
Symbol
Parameter
Test Condition
Min. Typ. Max.
Units
VIH
Input High Voltage
VDD= 3.3V
2
VDD + 0.3 V
VDD= 2.5V
1.7
VDD + 0.3 V
VIL
Input Low Voltage
VDD= 3.3V
-0.3
0.8
V
VDD= 2.5V
-0.3
0.7
V
IIH
Input High Current
VDD = VIN = 2.625V or 3.465V
150
μA
IIL
Input Low Current
VDD = 2.625V or 3.465V, VIN = 0V -5
μA
DC Electrical Characteristics
Power Supply DC Characteristics (VDD = 3.3V±5%, VEE = 0V, TA = -40°C to 85°C)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDA
Analog Supply Voltage
VDD – 0.25
3.3
VDD
V
IEE
Power Supply Current
83
mA
IDDA
Analog Supply Current
28
mA
Power Supply DC Characteristics (VDD = 2.5V±5%, VEE = 0V, TA = -40°C to 85°C)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VDD
Core Supply Voltage
2.375
2.5
2.625
V
VDDA
Analog Supply Voltage
VDD – 0.25
2.5
VDD
V
IEE
Power Supply Current
78
mA
IDDA
Analog Supply Current
28
mA
Storage Temperature.............................................. -65ºC to+155ºC
Temperature with Power Applied .........................-40ºC to+85ºC
3.3V Supply Voltage....................................................-0.5 to +3.6V
ESD Protection (HBM) ......................................................... 2000V
15-0117



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com