Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6LC48P0301 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6LC48P0301
Description  3-Output LVPECL Networking Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P0301 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6LC48P0301 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P0301 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P0301 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P0301 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P0301 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P0301 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P0301 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P0301 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P0301 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.pericom.com
PI6LC48P0301
Rev. A
07/30/13
PI6LC48P0301
3-Output LVPECL Networking Clock Generator
Pinout Table
Pin No.
Pin Name
I/O Type
Description
1, 24
NB_SEL0,
NB_SEL1
Input
Pull-up
Bank B Output Divider Select
2
PLL_ByPass# Input
Pull-up
Active Low PLL Bypass
3
M_reset
Input
Pull-down Master Reset. When HIGH, CLKx goes to “low” and CLKx# goes to
“high”; When LOW outputs are enabled.
4
VDDOA
Power
Bank A Output Power Supply
5,
6
CLKA,
CLKA#
Output
Bank A LVPECL Output Clock
7
OEB
Input
Pull-up
Bank B Output Enable. When LOW, output is differential low.
8
OEA
Input
Pull-up
Bank A Output Enable. When LOW, output is differential low.
9
FBN
Input
Pull-down Feedback Divider Select
10
VDDA
Power
Analog Power Supply
11
VDD
Power
Core Power Supply
12,
13
NA_SEL0,
NA_SEL1
Input
Pull-up
Bank A Output Divider Select
14
GND
Ground
Ground
15, 16
XTAL_OUT,
XTAL_IN
Crystal
Crystal Input and Output
17
Ref_IN
Input
Pull-down CMOS Reference Clock Input
18
IN_SEL#
Input
Pull-up
When HIGH, Crystal is selected; When LOW, reference input is
selected.
19,
20
CLKB1#,
CLKB1
Output
Bank B LVPECL Output Clock 1
21, 22
CLKB0#,
CLKB0
Output
Bank B LVPECL Output Clock 0
23
VDDOB
Power
Bank B Output Power Supply
Pin Configuration
1
2
3
VDDOA
4
CLKA
5
M_reset
6
OEB
7
Ref_IN
8
CLKA#
NB_SEL1
CLKB0
CLKB0#
CLKB1#
IN_SEL#
OEA
24
23
22
21
20
19
18
17
NB_SEL0
PLL_ByPass#
CLKB1
VDDOB
XTAL_IN
9
FBN
16
XTAL_OUT
10
VDDA
15
GND
11
VDD
14
NA_SEL1
12
13
NA_SEL0
13-0116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com