Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6LC4833 Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI6LC4833
Description  Clock Generator for Power PC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4833 Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI6LC4833 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
www.pericom.com
P-0.1
06/14/11
Alltrademarksarepropertyoftheirrespectiveowners.
PI6LC4833
Clock Generator for Power PC
Pericom Semiconductor Corporation • 1-800-435-2336
Packaging Mechanical: 56-Pin TQFN (ZB)
DATE: 10/05/10
DESCRIPTION: 56-Pin, Thin Fine Pitch Quad Flat No-lead, TQFN
PACKAGE CODE: ZB (ZB56)
DOCUMENT CONTROL #: PD-2008
REVISION: G
Notes:
1. All dimensions are in mm. Angles in degrees.
2. Coplanarity applies to the exposed thermal pad as well as the terminals.
3. Refer JEDEC MO-137 AE
4. Recommended land pattern is for reference only.
5. Thermal pad soldering area (mesh stencile design is recommended).
Ordering Information
Ordering Code
Package Code Package Type
Operating Temperature
PI6LC4833ZBIE
ZB
Pb-free & Green, 56-pin 315-mil wide TQFN
-40°C + 85°C
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
11-0074



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com