Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6LC4840 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6LC4840
Description  Crystal to LVDS/LVCMOS Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4840 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6LC4840 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4840 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.pericom.com
PS9076
01/03/11
PI6LC4840
Crystal to LVDS/LVCMOS Frequency Synthesizer
Pinout Table
Pin Number
Pin Name
I/O Type
Description
1
VDDO_REF
Power
Reference Clock Output Buffer VDD
2
REF_Out
Output
25MHz LVCMOS output from fundamental oscillator core
3
GND
Power
Ground
4
GND
Power
Ground
5
QA0
Output
25 or 50MHz selectable LVCMOS output (see table 1)
6
QA1
Output
25 or 50MHz selectable LVCMOS output (see table 1)
7
QA2
Output
25 or 50MHz selectable LVCMOS output (see table 1)
8
VDDO_QA
Power
VDD Buffer Power for Bank A
9
VDDO_QB
Power
VDD Buffer Power for Bank B
10
QB0
Output
125MHz LVCMOS output
11
QB1
Output
125MHz LVCMOS output
12
QB2
Output
125MHz LVCMOS output
13
GND
Power
Ground
(Continued)
Pin Configuration (32-contact TQFN)
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VDDO_REF
REF_Out
GND
GND
QA0
QA1
QA2
VDDO_QA
VDDO_QC
QC2-
QC2+
QC1-
QC1+
QC0-
QC0+
VDDO_QC
10-0249



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com