Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT3807ASEX Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI49FCT3807ASEX
Description  3.3V Fast CMOS Clock Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3807ASEX Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI49FCT3807ASEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3807ASEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3807ASEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3807ASEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3807ASEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3807ASEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3807ASEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT3807ASEX Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PI49FCT3807
3.3V Fast CMOS Clock Driver
3
PS7010F
11/16/09
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
ICC
Quiescent Power
Supply Current
VCC = Max.
VIN = GND
or VCC
—3
30
μA
ΔICC
Supply Current per
Inputs @ TTL HIGH
VCC = Max.
VIN = VCC
0.6V(3)
—
2.0
300
ICCD
Supply Current per
Input per MHz(4)
VCC = Max.,
Outputs Open
Per Output Toggling
50% Duty Cycle
VIN = VCC
VIN = GND
—
mA/
MHz
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2.
Typical values are at VCC = 3.3V, +25°C ambient.
3.
Per TTL driven input (VIN = VCC – 0.6V); all other inputs at VCC or GND.
4.
This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5.
Values for these conditions are examples of the IC formula. These limits are guaranteed but not tested.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(1)
Description
Test Conditions
Typ
Max.
Units
CIN
Input Capacitance
VIN = 0V
4.5
6.0
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8.0
Notes:
1.
This parameter is determined by device characterization but is not production tested.
Maximum Switching Characteristics (Over operating range)
Symbol
Description
Test
Conditions
3807
3087A
3087B
3807C
Units
Com.
Com.
Com.
Com.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay A to BN
CL = 15pF
RL = 500Ω
1.5
4.5
1.5
4.0
1.5
3.8
1.5
3.5
ns
tSK(O)
Skew between two outputs
of same package(3)
0.5
0.5
0.5
0.5
tSK(P)
Skew between opposite tran-
sitions of the same output
(tPHL - tPHL)(3)
0.5
0.5
0.35
0.35
FIN
Skew between outputs of
different packages at the
same power supply, temp.
and speed grade(3)
1.0
1.0
0.75
0.75
Notes:
1.
Other loading condition is described on page 4, “Test Circuits for All Outputs.”
2.
These parameters are guaranteed by design.
3.
Minimum propagation delay of 1.5ns is guaranteed by design.
09-0005



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com