Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1206 Datasheet(PDF) 1 Page - DENSEI-LAMBDA

Part # MAS1206
Description  Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

MAS1206 Datasheet(HTML) 1 Page - DENSEI-LAMBDA

  MAS1206 Datasheet HTML 1Page - DENSEI-LAMBDA MAS1206 Datasheet HTML 2Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
132
Features
(1) For equipment designed to conform EMI
regulations such as VCCI, CISPR, FCC, VDE,
etc.
(2) Attenuation effect against high voltage pulse
noise
(3) Attenuates conductive emission from power
supply
(4) Leakage current: 1mA max. (250V, 60Hz)
(5) High shielded effect
(6) Compact and light weight
Safety standard
UL1283,
CSA Std. C22. 2 No. 8
VDE0565 Teil. 3
VDE0565 will transfer to EN133200
on and after July 23, 2003.
Request customer specification for further details of
specifications, outline, characteristics, etc.
Read the instruction manual before usage.
Contact us about delivery before ordering.
MAS-SERIES
Specifications
(Note) : Value at Ta
55°C. Refer to the derating curve shown below at Ta > 55°C.
Circuit
Derating
Outline drawings
MAS-1206-33
MAS-1210-33
MAS-1220-33
MAS-1215-33
Case: Metal
(Unit: mm)
1
2
3
4
5
6
7
8
9
Rated voltage (AC, DC)
Rated current (AC, DC)
(Note)
Test voltage (terminal to case, AC 1 minute)
Isolation resistance (terminal to case, 500VDC)
Leakage current
DC resistance
Temperature rise
Operating temperature range
Weight
(Typ)
250V
2500V
100M
Ω min.
0.5mA max.
1mA max.
30°C max.
–25 ~ +85°C
310g
6A
10A
15A
20A
0.10
Ω max.
0.05
Ω max.
0.03
Ω max.
0.02
Ω max.
Item
Model
MAS-1206-33
MAS-1210-33
MAS-1215-33
MAS-1220-33
125V, 60Hz
250V, 60Hz
R: Breeder resistance
<
=
()


Similar Part No. - MAS1206

ManufacturerPart #DatasheetDescription
logo
CUI INC
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
absolute encoder
logo
Micro Analog systems
MAS1016 MAS-MAS1016 Datasheet
109Kb / 6P
AM Receiver IC
MAS1016ATB1 MAS-MAS1016ATB1 Datasheet
109Kb / 6P
AM Receiver IC
MAS1016ATC1 MAS-MAS1016ATC1 Datasheet
109Kb / 6P
AM Receiver IC
MAS1016B MAS-MAS1016B Datasheet
203Kb / 10P
AM Receiver IC
More results

Similar Description - MAS1206

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MAF1206 LAMBDA-MAF1206 Datasheet
137Kb / 2P
Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc
MAW-12R5 LAMBDA-MAW-12R5 Datasheet
152Kb / 3P
Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc?
MBS1205 LAMBDA-MBS1205 Datasheet
205Kb / 3P
Equipment Designed to Meet EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc???
MZS1206 LAMBDA-MZS1206 Datasheet
147Kb / 2P
Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc???
PBF-1201 LAMBDA-PBF-1201 Datasheet
132Kb / 2P
Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc????
PBP-3201 LAMBDA-PBP-3201 Datasheet
123Kb / 2P
Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc??????
PBW-1201 LAMBDA-PBW-1201 Datasheet
152Kb / 2P
Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc???????
logo
Toshiba Semiconductor
TLP1023 TOSHIBA-TLP1023 Datasheet
364Kb / 7P
OA EQUIPMENT SUCH AS COPYING MACHINE, PRINTER, FACSMILE, ETC.
logo
Powerbox
CFM-201S POWERBOX-CFM-201S Datasheet
341Kb / 2P
Conductive EMI Meets CISPR/FCC Class B
logo
Guangdong Youtai Semico...
HT75XX UMW-HT75XX Datasheet
722Kb / 10P
Power supply equipment such as batteries
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com