Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWCC0010TR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWCC0010TR
Description  GaAs SP4T Switch, Absorptive, Single Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWCC0010TR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWCC0010TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWCC0010TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWCC0010TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWCC0010TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWCC0010TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASWCC0010TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GaAs SP4T Switch, Absorptive, Single Supply
DC - 4.0 GHz
Rev. V4
MASWCC0010
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Insertion Loss
RFC-RF1, 2, 3, 4
DC - 4.0 GHz
dB
—
—
2.3
Isolation
—
DC - 4.0 GHz
dB
38
—
—
VSWR
On (RFC, RF1-RF4)
Logic per Truth Table
Off (RF1-RF4)
Logic per Truth Table
DC - 4.0 GHz
DC - 4.0 GHz
Ratio
Ratio
—
—
—
—
2.0:1
2.0:1
1 dB Compression
—
—
50 MHz
0.5 - 4.0 GHz
dBm
dBm
—
—
+15
+27
—
—
Input IP3
Two-tone inputs up to +5 dBm
50 MHz
0.5-4.0 GHz
dBm
dBm
—
—
30
40
—
—
Ton (50% Control to 90% RF)
—
ns
—
35
—
Switching Speed
Toff (50% Control to 10% RF)
—
ns
—
20
—
Trise (10% to 90% RF)
—
ns
—
12
—
Tfall (90% to 10% RF)
—
ns
—
2
—
Vcc
—
—
V
4.5
5.0
5.5
VIL
VIH
LOW-level input voltage
HIGH-level input voltage
—
—
V
V
0.0
2.0
—
—
0.8
5.0
lin (Input Leakage Current)
Vin = VCC or GND
—
uA
-1.0
—
1.0
Icc5,7
Vcc min to max, Logic “0” or “1”
—
mA
—
5
8
Icc8
(Quiescent Supply Current)
Vcntrl = VCC or GND
uA
—
250
400
Turn-on Current6
For guaranteed start-up
—
mA
—
—
125
ΔIcc
(Additional Supply Current
Per TTL Input Pin)
VCC = Max, Vcntrl = VCC - 2.1 V
—
mA
—
—
1.0
Switching Noise
Generated from
DC-DC Converter with
recommended capacitors
3.5 MHz
dBm
—
-93
—
Thermal Resistance θjc
—
—
°C/W
—
15
—
5.
During turn-on, the device requires an initial start up current (Icc) specified as “Turn-on Current”. Once operational, Icc will drop to the speci-
fied levels. This is not applicable to dual supply operation.
6.
The DC-DC converter is guaranteed to start in 100 µs as long as the power supplies have the maximum turn-on current
available for start-up.
7.
For single supply operation
8.
For dual supply operation



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com