Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS009 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS009
Description  GaAs SP6T 2.5 V High Power Switch Dual / Tri / Quad-Band GSM Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS009 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASWSS009 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS009 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS009 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS009 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS009 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GaAs SP6T 2.5 V High Power Switch
Dual / Tri / Quad-Band GSM Applications
V6
MASWSS009
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Typical Performance Curves
TX Insertion Loss
TX - RX Isolation
3rd Harmonic vs. Vctrl @ 1 GHz, Pin = +35 dBm,
100% Duty Cycle
RX Insertion Loss
2nd Harmonic vs. Vctrl @ 1 GHz, Pin = +35 dBm,
100% Duty Cycle



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com