Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0091-DIE Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0091-DIE
Description  GaAs SP6T 2.5 V High Power Switch Dual / Tri / Quad-Band GSM Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0091-DIE Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0091-DIE Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0091-DIE Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0091-DIE Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0091-DIE Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0091-DIE Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GaAs SP6T 2.5 V High Power Switch
Dual / Tri / Quad-Band GSM Applications
V6
MASWSS009
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
VTx1 VTx2 VRxC VRx1 VRx2 VRx3 VRx4
ANT-Tx1 ANT-Tx2 ANT-Rx1 ANT-Rx2 ANT-Rx3 ANT-Rx4
1
0
0
0
0
0
0
On
Off
Off
Off
Off
Off
0
1
0
0
0
0
0
Off
On
Off
Off
Off
Off
0
0
1
1
0
0
0
Off
Off
On
Off
Off
Off
0
0
1
0
1
0
0
Off
Off
Off
On
Off
Off
0
0
1
0
0
1
0
Off
Off
Off
Off
On
Off
0
0
1
0
0
0
1
Off
Off
Off
Off
Off
On
Truth Table 5,6
5. Differential voltage, V (state 1) -V (state 0), must be 2.5 V minimum.
6. State 0 = 0 V to +0.2 V, State 1 = 2.5 V to 5 V.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com