Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX13 Datasheet(PDF) 1 Page - DENSEI-LAMBDA

Part # MX13
Description  3 Phase Noise filter for FA Servo System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

MX13 Datasheet(HTML) 1 Page - DENSEI-LAMBDA

  MX13 Datasheet HTML 1Page - DENSEI-LAMBDA MX13 Datasheet HTML 2Page - DENSEI-LAMBDA MX13 Datasheet HTML 3Page - DENSEI-LAMBDA MX13 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
152
Features
(1) Suitable for mounting in the control panel:
Height and depth meets the industry standard.
(2) Easy installation and easy maintenance:
Centralized terminals in front surface.
(3) Applicable to NC Servo noise and AC Servo noise:
High attenuation by 40dB at 150kHz. level.
(4) Enriched lineups: 3 types (30A, 50A, 100, 150A)
selectable.
(5) Patent and design registration pending.
Safety standard
UL1283 applied / approval in process
CSA C22.2 No.8 applied / approval in process
EN133200 applied / approval in process
*Completion projected in August,2001
Derating
MX13-SERIES
3 Phase Noise filter for FA Servo System
Specifications
1
2
3
4
5
6
7
8
9
Rated voltage
Rated current
Test voltage
Isolation resistance
Leak current
Attenuation
Operating ambient temperature
Safety standards
Dimensions (W x H x D)
3 Phase AC250V
Terminal - Case: AC2500V, 1min.
Terminal - Case: DC500V, 100Mohm
AC250,60Hz : 3.5mA max.
8mA max.
150kHz : 40dB
–25 ~ +85°(derating required depending on the atmosphere temperature)
Conforms to UL1283, CSA_C22.2No.8, EN133200 (to be applied for)
Item
Model
MX13030
MX13050
MX13100
MX13150
30A
50A
100A
150A
70mm
380mm
200mm
85mm
380mm
200mm
130mm
380mm
200mm
165mm
380mm
200mm
●100A type projected as a new lineup
NOTE
*1 Value for Ta >
_ 50ºC
For Ta >
_ 50ºC,derate according to the derating curve
shown on the right
EN133200


Similar Part No. - MX13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX1300 ETC-MX1300 Datasheet
92Kb / 2P
ALKALINE MANGANESE DIOXIDE BATTERY
MX1300 ETC2-MX1300 Datasheet
275Kb / 5P
Alkaline-Manganese Dioxide Battery
More results

Similar Description - MX13

ManufacturerPart #DatasheetDescription
logo
Rohm
BU38603 ROHM-BU38603 Datasheet
78Kb / 7P
System control servo
logo
Toshiba Semiconductor
TA2153FN TOSHIBA-TA2153FN Datasheet
122Kb / 9P
RF Amplifier for Digital Servo CD System
TA2157F TOSHIBA-TA2157F Datasheet
184Kb / 14P
Digital Servo Head Amp for CD System
TA2151FN TOSHIBA-TA2151FN Datasheet
150Kb / 10P
RF Amplifier for Digital Servo CD System
logo
Silan Microelectronics ...
SA9614 SILAN-SA9614 Datasheet
195Kb / 8P
RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
SA9616 SILAN-SA9616 Datasheet
207Kb / 7P
RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
SA9618A SILAN-SA9618A Datasheet
159Kb / 5P
RF AMPLIFIER FOR CD DIGITAL SERVO SYSTEM
logo
MotionKing Motor Indust...
MEZ MOTIONKING-MEZ Datasheet
730Kb / 8P
2-Phase Stepper Servo System
logo
TDK Electronics
RTAN-5006 TDK-RTAN-5006 Datasheet
1Mb / 5P
Three-Phase External Noise Prevention Filter (For Immunity)
logo
Renesas Technology Corp
RC32614 RENESAS-RC32614 Datasheet
2Mb / 97P
Ultra-Low Phase Noise System Synchronizer
Apr 12, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com