Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0129TR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0129TR
Description  GaAs Broadband DPDT Diversity Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0129TR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0129TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0129TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0129TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0129TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0129TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GaAs Broadband DPDT Diversity Switch
DC - 6.0 GHz
Rev. V6
MASWSS0129
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Z0 = 50 Vc = 0 V / 3 V, 8 pF Capacitor
3
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss 4
2.4 GHz
2 - 4 GHz
4 - 5 GHz
4.9 - 6 GHz
dB
dB
dB
dB
—
—
—
—
0.70
0.75
0.90
1.00
1.30
—
—
1.55
Isolation
(on/off or off/on)
2.4 GHz
4.9 - 6 GHz
dB
dB
—
25
43
30
—
—
Isolation
(on/on or off/off)
2.4 GHz
4.9 - 6 GHz
dB
dB
—
—
11
20
—
—
Return Loss
2.4 GHz
4.9 - 6 GHz
dB
dB
—
—
23
15
—
—
IP2
Two Tone, 15 dBm/Tone, 5 MHz Spacing
2.4 GHz
5.3 GHz
5.8 GHz
dBm
dBm
dBm
—
—
—
93
86
84
—
—
—
IP3
Two Tone, 15 dBm/Tone, 5 MHz Spacing
2.4 GHz
5.3 GHz
5.8 GHz
dBm
dBm
dBm
—
—
—
52
50
50
—
—
—
Input P-1dB
2.4 GHz
5.3 GHz
5.8 GHz
dBm
dBm
dBm
—
—
—
33
31
31
—
—
—
2nd Harmonic
PIN = 20 dBm
2.4 GHz
5.8 GHz
dBc
dBc
—
—
-75
-77
—
—
3rd Harmonic
PIN = 20 dBm
2.4 GHz
5.8 GHz
dBc
dBc
—
—
-69
-86
—
—
Trise, Tfall
10% to 90% RF
90% to 10% RF
nS
nS
—
—
35
60
—
—
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
nS
—
90
—
Transients
—
mV
—
6
—
Control Current
|Vc| = 3 V
µA
—
6
25
3. For positive voltage control, external DC blocking capacitors are required on all RF ports.
4. Insertion loss can be optimized by varying the DC blocking capacitor value.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com