Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0136SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0136SMB
Description  GaAs SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0136SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0136SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0136SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0136SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0136SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V2
MASWSS0136
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, VC = 0 V / 3 V, Z0 = 50 
4
Qualification
Qualified to M/A-COM specification REL-201, Proc-
ess Flow –2.
Handling Procedures
The following precautions should be observed to
avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be dam-
aged by static electricity. Proper ESD control tech-
niques should be used when handling these de-
vices.
Truth Table 6,7
Control V1
Control V2
RFC-RF1
RFC-RF2
0
1
On
Off
1
0
Off
On
6. Differential voltage, V (state 1) - V (state 0), must be +2.3 V
minimum and must not exceed 8.5 V.
7. 0 = 0 V ± 0.2 V, 1 = +2.5 V to 5.0 V
Lead-Free SC-70 (SOT-363)
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss5
1.0 GHz
2.4 GHz
dB
dB
0.3
0.4
0.5
Isolation
1.0 GHz
2.4 GHz
dB
dB
25
24
27
VSWR
0.05 - 3.0 GHz
Ratio
1.2:1
IP2
Two Tone, +5 dBm / Tone, 5 MHz Spacing
2.4 GHz
dBm
80
IP3
Two Tone, +5 dBm / Tone, 5 MHz Spacing
2.4 GHz
dBm
48
Linear Pout
2.5 GHz, OFDM, QAM-64,54Mbps, EVM=2.5%
3.0 V
3.3 V
5.0 V
dBm
dBm
dBm
22.5
24.0
28.5
P1dB
dBm
28
Trise, Tfall
10% to 90% RF and 90% to 10% RF
nS
35
Ton, Toff
50% control to 90% RF, 50% control to 10% RF
nS
40
Transients
mV
10
Current
VC = 3.0 V
µA
5
10
4. For positive voltage control, external DC blocking capacitors are required on all RF ports.
5. Insertion Loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz – 1.0 GHz, 39 pF for 0.5 - 3.0 GHz.
† Reference Application Note M538 for lead-free solder reflow
recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com