Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0151 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0151
Description  GaAs SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0151 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0151 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0151 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0151 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0151 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V5
MASWSS0151
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, VC = 0 V / -3.0 V, Pin = 0 dBm, Z0 = 50 
4
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 3.0 GHz
dB
—
0.65
0.8
Isolation
DC - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
dB
29
—
—
31
25
21
—
—
—
Return Loss
DC - 1.5 GHz
1.5 - 3.0 GHz
dB
dB
—
—
22
20
—
—
P1dB
1 GHz
dBm
—
31
—
IP2
Two Tone, 10 dBm / Tone, 900 MHz, 5 MHz Spacing
dBm
—
81
—
IP3
Two Tone, 10 dBm / Tone, 900 MHz, 5 MHz Spacing
dBm
—
55
—
2nd Harmonic
2.4 GHz, Pin = +20 dBm
dBc
—
-70
—
3rd Harmonic
2.4 GHz, Pin = +20 dBm
dBc
—
-60
—
Ton, Toff
50% control to 90% RF, 50% control to 10% RF
nS
—
20
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
—
10
—
Control Current
mA
—
5
10
4. For positive voltage control, external DC blocking capacitors are required on all RF ports.
Truth Table 5,6
V1
V2
RFC-RF1
RFC-RF2
1
0
Off
On
0
1
On
Off
5. Differential voltage, V (state 1) - V (state 0), must be +2.1 V
minimum and must not exceed 5 V.
6. 0 = -5 V to 0 V, 1 = -2.9 V to 5 V.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Lead-Free SC70 (SOT-363)†
† Reference Application Note M538 for lead-free solder reflow
recommendations.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com