Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0169 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0169
Description  GaAs High Isolation Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0169 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0169 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0169 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0169 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0169 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GaAs High Isolation Switch
DC - 3.0 GHz
Rev. V3
MASWSS0169
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low Power Consumption: < 20 µA @ +3 V
 High Isolation: 50 dB Typical @ 2 GHz
 Low Insertion Loss: 0.7 dB @ 2 GHz
 Positive 2.5 to 5 V Control
 Lead-Free MSOP-10 Package
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of SW-439
Description
The MASWSS0169 is a GaAs MMIC SPDT switch
in a lead-free MSOP-10 surface mount plastic
package. This part is ideal for high isolation,
broadband
switching
requirements.
Typical
applications include synthesizer switching, transmit/
receive switching, switch matrices and filter banks in
systems such as radio and cellular equipment, PCM,
GPS, and fiber optic modules.
The MASWSS0169 is fabricated as a monolithic
GaAs MMIC using a 0.5 micron pHEMT process.
The process features full passivation.
Functional Schematic 4
4. For improved performance at frequencies below 500 MHz,
use larger value capacitors.
Pin 1
Pin 10
C = 39 pF
C = 39 pF
C = 39 pF
Pin Configuration
Pin No.
Function
Pin No.
Function
1
Control 1
6
RF Port 2
2
Ground
7
Ground
3
RF Input
8
Ground
4
Ground
9
Ground
5
Control 2
10
RF Port 1
Ordering Information 1
Part Number
Package
MASWSS0169
Bulk Packaging
MASWSS0169TR-3000
3000 piece reel
MASWSS0169SMB
Sample Board
1. Reference Application Note M513 for reel size information.
Truth Table 2,3
Control V1
Control V2
RFC - RF1
RFC - RF2
0
1
Off
On
1
0
On
Off
2. External DC blocking capacitors are required on all RF ports.
3. “0” = 0 + 0.2 Vdc, “1” = +2.5 to +5 Vdc
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Absolute Maximum Ratings 5,6
Parameter
Absolute Maximum
Input Power
+30 dBm
Operating Voltage
+8.5 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. M/A-COM Technology does not recommend sustained
operation near these survivability limits.


Similar Part No. - MASWSS0169

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0169 MACOM-MASWSS0169 Datasheet
180Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0169 MA-COM-MASWSS0169 Datasheet
78Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
MASWSS0169 MA-COM-MASWSS0169 Datasheet
101Kb / 3P
GaAs High Isolation Switch
MASWSS0169-V3 MA-COM-MASWSS0169-V3 Datasheet
101Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0169SMB MACOM-MASWSS0169SMB Datasheet
180Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
More results

Similar Description - MASWSS0169

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-394 MACOM-SW-394 Datasheet
36Kb / 2P
GaAs SPDT High Isolation Terminated Switch
SW-439 MACOM-SW-439 Datasheet
99Kb / 2P
GaAs High Isolation Switch DC - 3.0 GHz
MASWSS0169 MACOM-MASWSS0169 Datasheet
180Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0169 MA-COM-MASWSS0169 Datasheet
78Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
SW-439 MA-COM-SW-439 Datasheet
77Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
MASWSS0169_V3 MA-COM-MASWSS0169_V3 Datasheet
101Kb / 3P
GaAs High Isolation Switch
SW-439_V4 MA-COM-SW-439_V4 Datasheet
97Kb / 3P
GaAs High Isolation Switch
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
GaAs SPST High Isolation Terminated Switch
MASWSS0169-V3 MA-COM-MASWSS0169-V3 Datasheet
101Kb / 3P
GaAs High Isolation Switch DC - 3.0 GHz
MASWSS0148 MA-COM-MASWSS0148_15 Datasheet
624Kb / 5P
GaAs SPST High Isolation Terminated Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com