Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0179 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0179
Description  3 V GaAs SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0179 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0179 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0179 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0179 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0179 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
3 V GaAs SPDT Switch
DC - 2.0 GHz
Rev. V3
MASWSS0179
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Electrical Specifications: TA = +25°C, VC = 0 V / -3 V, Z0 = 50 Ω
5
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 1.0 GHz
1.0 - 2.0 GHz
dB
—
—
0.5
0.6
0.7
0.8
Isolation
DC - 1.0 GHz
1.0 - 2.0 GHz
dB
25
19
28
22
—
—
VSWR
DC - 2.0 GHz
Ratio
—
1.3:1
—
1 dB Compression
0.5 GHz, Input Power (3 V Control)
0.5 GHz, Input Power (5 V Control)
0.05 GHz, Input Power (3 V Control)
0.05 GHz, Input Power (5 V Control)
dBm
—
—
—
—
26
30
16
16
—
—
—
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
—
3
—
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
ns
—
5
—
Transients
In-Band
mV
—
15
—
Input IP2
2-Tone, 5 MHz spacing, 3 V Control, +10 dBm each
0.05 GHz
0.5 GHz
dBm
—
—
69
80
—
—
Input IP3
2-Tone, 5 MHz spacing, 3 V Control, +10 dBm each
0.05 GHz
0.5 GHz
dBm
—
—
48
52
—
—
Control Current
|VC| = 3 V
mA
—
1
10
5. For positive voltage control, external DC blocking capacitors are required on all RF ports.
Lead-Free SOT-26†
†
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Plating is 100% matte tin over copper.
Control A
Control B
RFC to RF1 RFC to RF2
0
1
Off
On
1
0
On
Off
Truth Table 6,7,8
6. For positive voltage control, external DC blocking capacitors
are required on all RF ports.
7. 0 = -8 V to 0 V, 1 = 0 V to +8 V.
8. Differential voltage, V (state 1) - V (state 0), must be +2.8 V
minimum and must not exceed +8 V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com