Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0181TR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0181TR
Description  GaAs SPDT 2.5 V High Power Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0181TR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0181TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0181TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0181TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0181TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs SPDT 2.5 V High Power Switch
DC - 3.0 GHz
Rev. V2
MASWSS0181
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Vc = 0 V/2.5 V, Z0 = 50 Ohms
3
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss4
DC – 1 GHz
1 – 2 GHz
2 - 3 GHz
dB
dB
dB
—
—
—
0.40
0.50
0.75
0.65
—
—
Isolation
DC – 1 GHz
1 – 2 GHz
2 - 3 GHz
dB
dB
dB
23.0
—
—
26
20
16
—
—
—
Return Loss
DC – 2 GHz
2 - 3 GHz
dB
dB
—
—
20
16
—
—
IP3
Two Tone, +26 dBm/tone, 5 MHz Spacing
> 50 MHz
dBm
—
57
—
P0.1dB
—
dBm
—
39
—
2nd Harmonic
1 GHz, PIN = +34 dBm
dBc
—
-75
—
3rd Harmonic
1 GHz, PIN = +34 dBm
dBc
—
-75
-67
Trise, Tfall
10% to 90% RF, 90% to 10% RF
µS
—
0.04
—
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
µS
—
0.06
—
Transients
In Band
mV
—
50
—
Control Current
µA
—
—
50
3. For positive voltage control, external DC blocking capacitors are required on all RF ports.
4. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 500 MHz, 100 pF for 0.5 GHz - 3 GHz.
Qualification
Qualified to M/A-COM specification REL-201,
Process Flow –2.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
V1
V2
ANT– RF1
ANT - RF2
1
0
On
Off
0
1
Off
On
Truth Table 5,6
5.
Differential voltage, V(state 1) - V(state 0), must be +2.5 V
minimum and must not exceed +8 V.
6.
0 = -5 V to 2.5 V, 1 = -2.5 V to +5 V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com