Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1027607 Datasheet(PDF) 4 Page - SICK AG

Part # 1027607
Description  LONG RANGE DISTANCE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1027607 Datasheet(HTML) 4 Page - SICK AG

  1027607 Datasheet HTML 1Page - SICK AG 1027607 Datasheet HTML 2Page - SICK AG 1027607 Datasheet HTML 3Page - SICK AG 1027607 Datasheet HTML 4Page - SICK AG 1027607 Datasheet HTML 5Page - SICK AG 1027607 Datasheet HTML 6Page - SICK AG 1027607 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DML40-2-1111 | DML
LONG RANGE DISTANCE SENSORS
4
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Dimensional drawing (Dimensions in mm (inch))
DMT10-2-x1xx DML40-2-x1xx
95 (3.74)
15.5
(0.61)
213.5 (8.41)
56.5
(2.22)
139 (5.47)
18
(0.71)
M6
102.5 (4.04)
42.5
(1.67)
21.5
(0.85)
1
5
6
7
8 9
3.5
(0.14)
96 (3.78)
2 3 4
①  Dust protection tube
②  Laser pointer pilot light
③  Alignment sight
④  Function indicator
⑤  Zero level
⑥  Mounting hole M6 threaded - 6 mm deep
⑦  Connector cover
⑧  PG9
⑨  Sub-D, 9-pin
Connection type
DMxxx-2 RS-232/RS-422 Connector Sub-D, 9-pin
1
5
6
9
①  Pin 1
⑤  Pin 5
⑥  Pin 6
⑨  Pin 9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com