Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0184 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0184
Description  High Power GaAs DPDT Diversity Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0184 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0184_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0184_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0184_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0184_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0184_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASWSS0184_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
High Power GaAs DPDT Diversity Switch
DC - 4.0 GHz
Rev. V1
MASWSS0184
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Z0 = 50 , VC = 0 V / 3 V, 39 pF Capacitor
3
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss4
0.5 - 1 GHz
1 - 2 GHz
2 - 3 GHz
2.45 GHz
3 - 4 GHz
dB
dB
dB
dB
dB
—
—
—
—
—
0.6
0.7
0.8
0.8
1.2
—
—
—
1.2
—
Isolation (on/off or off/on)
Iso @ Tx when IL from Ant 2 to Rx
Iso @ Rx when IL from Ant 1 to Tx
0.5 - 1 GHz
1 - 2 GHz
2 - 3 GHz
2.45 GHz
3 - 4 GHz
dB
dB
dB
dB
dB
—
—
—
24
—
41.5
35
30
30
27
—
—
—
—
—
Isolation (on/off or off/on)
Iso @ Tx when IL from Ant 1 to Rx
Iso @ Rx when IL from Ant 2 to Tx
0.5 - 1 GHz
1 - 2 GHz
2 - 3 GHz
2.45 GHz
3 - 4 GHz
dB
dB
dB
dB
dB
—
—
—
29
—
46.5
43
38
38
32
—
—
—
—
—
Return Loss
0.5 - 1 GHz
1 - 2 GHz
2 - 3 GHz
3 - 4 GHz
dB
dB
dB
dB
—
—
—
—
14
15
19.5
14
—
—
—
—
IP3
Two Tone, +15 dBm/Tone, 5 MHz Spacing, 2.4 GHz
VC = 3 V
VC = 5 V
VC = 8 V
dBm
dBm
dBm
—
—
—
57.5
59
60
—
—
—
Input P1dB
2.4 GHz, VC = 3 V
2.4 GHz, VC = 5 V
2.4 GHz, VC = 8 V
dBm
dBm
dBm
—
—
—
34
39.5
41
—
—
—
2nd Harmonic
2.4 GHz, Pin = 15 dBm
dBc
—
-86
—
3rd Harmonic
2.4 GHz, Pin = 15 dBm
dBc
—
-91
—
Trise, Tfall
10% to 90% RF
90% to 10% RF
nS
nS
—
—
64
80
—
—
Ton, Toff
50% control to 90% RF and 50% control to 10% RF
nS
—
90
—
Transients
—
mV
—
5
—
Control Current
—
µA
—
5
10
3. For positive voltage control, external DC blocking capacitors are required on all RF ports.
4. Insertion loss can be optimized by varying the DC blocking capacitor value. For use above 2.5 GHz, M/A-COM recommends using
smaller capacitor values. For example, use 5 pF for 3.2 GHz.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com