Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0851 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0851
Description  8-Bit Analog Data Acquisition and Monitoring Systems
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0851 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC0851 Datasheet HTML 9Page - National Semiconductor (TI) ADC0851 Datasheet HTML 10Page - National Semiconductor (TI) ADC0851 Datasheet HTML 11Page - National Semiconductor (TI) ADC0851 Datasheet HTML 12Page - National Semiconductor (TI) ADC0851 Datasheet HTML 13Page - National Semiconductor (TI) ADC0851 Datasheet HTML 14Page - National Semiconductor (TI) ADC0851 Datasheet HTML 15Page - National Semiconductor (TI) ADC0851 Datasheet HTML 16Page - National Semiconductor (TI) ADC0851 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Pin Descriptions
VCC
Positive power supply pin Bypass to analog
ground with a 01 mF ceramic capacitor in
parallel with a 10 mF tantalum capacitor
OSC
InputOutput pin used to generate internal
timing for AD conversion This pin is con-
nected to an external resistor and capacitor
to set the oscillation frequency for analog
timing (see
Figure 12 )
CS
This is the chip select input pin It must be
held low while data is transferred to or from
the ADC08518 (see Timing Diagram)
CLK
The serial clock input pin is used to clock
serial data either into the data input pin (DI)
or out of the data output pin (DO) Input data
is loaded on the rising edge of CLK and the
output data is valid at the falling edge of
CLK
DI
Serial data digital input pin
DO
TRI-STATE data output pin
INT
This is the active low interrupt pin that indi-
cates that at least one analog input channel
voltage
level
has
exceeded
the
pro-
grammed window limits Since this pin has
an open drain output an external pull up re-
sistor is required This allows many devices
to be wire-ORed together using a single
pull-up resistor
EOC
End of conversion output pin The low state
indicates that an AD conversion is in prog-
ress The EOC pin goes high when the con-
version is completed
AGND
Analog ground reference
DGND
Digital ground reference for the logic inputs
Both AGND and DGND should be at same
potential
VREF
This is the analog reference pin The volt-
age applied to this pin sets the full scale
AD conversion range Recommended volt-
ages applied to this pin range from 1V to
VCC Bypass to analog ground with a 01 mF
ceramic capacitor in parallel with a 10mF
tantalum capacitor
COM
The COM pin functions as an inverting dif-
ferential input common to all analog inputs
when each channel is configured as a sin-
gle-ended channel If the input channels are
programmed as differential pairs then the
COM input has no effect
CH0 – CH1
CH0 – CH7 are analog input channels which
(ADC0851)
can be configured as single ended inputs or
as differential pairs The analog input volt-
CH0 – CH7
age should stay within the power supply
(ADC0858)
range
COMPL
These output pins are available only on the
COMPH
ADC0851 During ‘‘Watchdog’’ operation if
either of the inputs exceeds the window lim-
its not only is an interrupt generated but
also the COMPL and COMPH pins go low to
indicate whether the upper or lower bounda-
ry was exceeded (See applications section
for more information)
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com