Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1028540 Datasheet(PDF) 2 Page - SICK AG

Part # 1028540
Description  LONG RANGE DISTANCE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1028540 Datasheet(HTML) 2 Page - SICK AG

  1028540 Datasheet HTML 1Page - SICK AG 1028540 Datasheet HTML 2Page - SICK AG 1028540 Datasheet HTML 3Page - SICK AG 1028540 Datasheet HTML 4Page - SICK AG 1028540 Datasheet HTML 5Page - SICK AG 1028540 Datasheet HTML 6Page - SICK AG 1028540 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DMT10-2-2111 | DMT
LONG RANGE DISTANCE SENSORS
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Ordering information
Type
Part no.
DMT10-2-2111
1028540
Other models and accessories
www.sick.com/DMT
Detailed technical data
Performance
Measuring range
0.5 m ... 155 m, 90 % remission
0.5 m ... 65 m, 18 % remission
0.5 m ... 40 m, 6 % remission
Resolution
≤ 1 mm
Repeatability
7 mm 1) 2)
10 mm 3) 2)
Accuracy
± 10 mm 4) 5)
Response time
1 ms ... 3,000 ms 6)
Cycle time
1,024 per sec.
Average depth
1/16/64/256/1,024
Output time
1 ms ... 4,000 ms 7)
Aperture delay time
≥ 1 ms 7)
Light source
Laser, infrared
Laser class
1 (EN 60825-1:Nov.2001, IEC 60825-1:ÄM2:2001)
Typ. light spot size (distance)
20 mm (+ 5 x distance in m)
Note
Electronic aperture
Special characteristic
Electronic aperture
1) Dependent on distance and remission, 7 mm, at 6% ... 90% remission from 0.5 m ... 65 m, at 6% ... 18% remission from 0.5 m ... 40 m, at 6% remission from
0.5 m ... 15 m.
2) Environmental conditions constant, min. warm-up time 30 min, average depth 1,024, statistical error 1 σ.
3) Dependent on distance and remission, 10 mm, at 6% ... 90% remission from 60 m ... 155 m, at 6% ... 18% remission from 40 m ... 65 m, at 6% remission from
15 m ... 40 m.
4) 23 °C air temperature, 977 hPa, min. warm-up time 30 min.
5) When operating in ambient temperatures between +40 °C ... +55 °C the accuracy can decrease by factor 2.5.
6) Dependent on averaging method, averaging depth, timeout, baud rate, data output, output format, and delay time.
7) Dependent on averaging method, averaging depth, timeout, baud rate, data output, and output format.
Interfaces
Analog output
4 mA ... 20 mA, scalable
Switching output
Q1, Q2 1)
1) Output Q short-circuit protected.
2) Switchable.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com