Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0200SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0200SMB
Description  GaAs SP3T 2.7 V CDMA-GPS Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0200SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0200SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0200SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0200SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0200SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
GaAs SP3T 2.7 V CDMA-GPS Switch
DC - 2.5 GHz
Rev. V1
MASWSS0200
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Z0 = 50 Ω
1
1. External DC blocking capacitors are required on all RF ports.
2. Insertion Loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 500 MHz, 100 pF for 0.5 - 2.5 GHz.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss2
(All Paths)
1.0 GHz
1.5 GHz
2.0 GHz
dB
dB
dB
0.55
0.60
0.70
0.70
0.75
0.90
Isolation
DC - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 2.5 GHz
dB
dB
dB
23
18
16
27
21
20
Return Loss
(All RF ports)
DC - 2.5 GHz
dB
20
IP3
Two Tone, +22 dBm/tone, 1 MHz Spacing, 820 MHz
Two Tone, +22 dBm/tone, 1 MHz Spacing, 1880 MHz
dBm
dBm
62
61
Cross Modulation
For Cell Band: Two-tone signal input:
Tx1 = +22 dBm @ 820 MHz, Tx2 = +22 dBm @ 821 MHz,
RX interfere = -23 dBm @ 869 MHz
dBm
-101
For PCS Band: Two-tone signal input:
Tx1 = +18 dBm @ 1880 MHz, Tx2 = +18 dBm @ 1881 MHz,
RX interfere = -23 dBm @ 1960 MHz
dBm
-102
P.1dB
Vc = 0 V / 2.7 V, 1 GHz
dBm
36
Trise, Tfall
10% to 90% RF, 90% to 10% RF, 900 MHz
µS
0.06
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF, 900 MHz
µS
0.09
Transients
In Band
mV
70
Control Current
Vc = 0 V / 2.7 V
µA
30
Truth Table 5,6
V1
V2
V3
ANT-RF1 ANT-RF2 ANT-RF3
1
0
0
On
Off
Off
0
1
0
Off
On
Off
0
0
1
Off
Off
On
5.
Differential voltage, V (state 1) -V (state 0) must be 2.6 V
minimum and must not exceed 8.5 V.
6.
0 = -5 V to 2.4 V, 1 = -2.4 V to 5 V.
Parameter
Absolute Maximum
Input Power
(0.5 - 2.5 GHz, 2.7 V Control)
+36 dBm
Control Voltage
±8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings 3,4
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com