Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0202 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0202
Description  GaAs Broadband SPDT Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0202 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0202_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0202_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0202_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0202_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0202_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GaAs Broadband SPDT Switch
DC - 6.0 GHz
Rev. V1
MASWSS0202
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Typical Performance Curves with 0 / 3 V Control, 8 pF Capacitors
Insertion Loss
Isolation
Return Loss
0.0
0.3
0.6
0.9
1.2
1
2
3
4
5
6
+85°C
-40°C
+25°C
Frequency (GHz)
0
10
20
30
40
1
2
3
4
5
6
+85°C
-40°C
+25°C
Frequency (GHz)
-40
-30
-20
-10
0
1
2
3
4
5
6
+85°C
-40°C
+25°C
Frequency (GHz)
Qualification
Qualified to M/A-COM specification REL-201,
Process Flow –2.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium
Arsenide
Integrated
Circuits
are
sensitive to electrostatic discharge (ESD) and can
be damaged by static electricity.
Proper ESD
control techniques should be used when handling
these devices.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com