Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0201SMB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0201SMB
Description  GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0201SMB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0201SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0201SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0201SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0201SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0201SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASWSS0201SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASWSS0201SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
DC - 2.5 GHz
Rev. V1
MASWSS0201
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Typical Performance Curves: TA = 25°C, Z0 = 75  Components per Application Schematic
Insertion Loss
Isolation (Below 200 MHz)
Isolation (Above 200 MHz)
RFC Return Loss
RF1 Return Loss
RF2 Return Loss
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
RFC to RF1 (Vc=0V)
RFC to RF2 (Vc=3V)
Frequency (GHz)
-90
-80
-70
-60
-50
-40
25
50
75
100
125
150
175
200
225
250
RFC to RF1 (Vc=3V)
RFC to RF2 (Vc=0V)
Frequency (MHz)
-70
-60
-50
-40
-30
-20
RFC to RF1 (Vc=3V)
RFC to RF2 (Vc=0V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
RFC to RF1 (Vc=0V)
RFC to RF2 (Vc=3V)
Frequency (GHz)
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
RF1 to RFC (Vc=0V)
RF1 Terminated (Vc=3V)
Frequency (GHz)
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
RF2 to RFC (Vc=3V)
RF2 Terminated (Vc=0V)
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com