Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT4702 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # AAT4702
Description  Auto-Restarting Current Limiting Load Switch with LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT4702 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  AAT4702 Datasheet HTML 1Page - Skyworks Solutions Inc. AAT4702 Datasheet HTML 2Page - Skyworks Solutions Inc. AAT4702 Datasheet HTML 3Page - Skyworks Solutions Inc. AAT4702 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT4702 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT4702 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT4702 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT4702 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT4702 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
AAT4702
Auto-Restarting Current Limiting Load Switch with LDO Regulator
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201964A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 17, 2012
Electrical Characteristics1
VIN=3.6V;TA = -40oC to 85oC unless otherwise noted. Typical values are at TA = 25oC.
Symbol
Description
Conditions
Min
Typ
Max
Units
General
VIN(SW)
Input Voltage Range
Load Switch Section
2.4
5.5
V
VIN(REG)
Input Voltage Range
Stable Output
2.4
5.5
For VOUT Within Regulation Tolerance
VOUT + VDO
5.5
%
IQ
Operation Quiescent Current
VIN = 5V, ON = 0V, IOUT = 0
15
30
μA
ISD(OFF)
Shutdown Supply Current
ON = IN = 5.5V, VOUT = 0
1
μA
Load Switch
RDS(ON)
PMOS On-Resistance
VOUT = 5V, TA = 25°C
180
280
m
VOUT = 3.6V, TA = 25°C
220
320
VOUT = 2.4V, TA = 25°C
270
360
ID(OFF)
Switch Off-Leakage
ON = VIN
1
μA
ILIM
Current Limit
Rising edge; RSET = open
100
150
200
mA
RSET_INT
Current Limit Internal Set Resistor
50
VUVLO
Under-Voltage Lockout Threshold
Rising edge
1.8
2.4
V
VUVLO_HYS
Under-Voltage Lockout Hysteresis
0.2
V
LDO Regulator
VOUT
DC Output Voltage
VIN = 3.6V, IOUT = 10mA
1.764
1.8
1.836
V
IOUT
Output Current
VOUT = 1.8V
100
mA
ISC
Short-Circuit Current
VOUT < 0.4V
350
mA
VOUT/
VOUT*VIN
Line Regulation
VIN = 4.0 to 5.5V, TA = 25°C
0.14
0.4
%/V
VOUT/VOUT
Load Regulation
IOUT = 1mA to 100mA, VOUT = 1.8V,
TA = 25°C
1.0
1.65
%
VDO
Dropout Voltage
IOUT = 100mA, VOUT = 1.8V
300
mV
RDS(REG)
Regulator Pass Element On-Resistance
VIN_REG = 3.6V
3.0
PSRR
Power Supply Rejection Ratio
100Hz
50
dB
TC
Output Voltage Temperature Coefficient
80
PPM/°C
Logic
VEN(L)
ON Input Low Voltage
0.4
V
VEN(H)
ON Input High Voltage
2.4V < VIN ≤ 4.2V
2.0
V
4.2V < VIN < 5.5V
2.4
IEN
ON Input Leakage
VEN = 5.5V or 0V
0.5
2.0
μA
tAUTO
Auto-Restart Time
20
40
80
ms
tBLANK
Over-Current Blanking Time
2
5
10
ms
tRESP
Current Limit Response Time
VIN = 5V
0.4
μs
tON
Load Switch Turn On Time
VIN = 5V; RO = 10; CO = 1μF18
35
μs
tOFF
Load Switch Turn Off Time
VIN = 5V; RO = 10; CO = 1μF3
10
μs
TSD
Over-Temperature Shutdown Threshold
140
°C
THYS
Over-Temperature Shutdown Hysteresis
20
°C
1. The AAT4702 is guaranteed to meet performance over the -40oC to +85oC operating temperature range and is assured by design, characterization, and correlation with sta-
tistical process controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com