Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C4337 Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PT7C4337
Description  Real-time Clock Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4337 Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PT7C4337_13 Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 13Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 14Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 15Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 16Page - Pericom Semiconductor Corporation PT7C4337_13 Datasheet HTML 17Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-06-0002
PT0205-9
06/18/13
13
PT7C4337
Real-time Clock Module (I
2C Bus)
Alarm Register
Alarm 1, Alarm 2 Register
Addr.
Description
D7
D6
D5
D4
D3
D2
D1
D0
07
Alarm 1: Seconds
A1M1
*1
S40
S20
S10
S8
S4
S2
S1
(default)
Undefined Undefined
Undefined
Undefined Undefined Undefined Undefined Undefined
08
Alarm 1: Minutes
A1M2
*1
M40
M20
M10
M8
M4
M2
M1
(default)
Undefined Undefined
Undefined
Undefined Undefined Undefined Undefined Undefined
09
Alarm 1: Hours
A1M3
*1
12, /24
H20 or P,/A
H10
H8
H4
H2
H1
(default)
Undefined Undefined
Undefined
Undefined Undefined Undefined Undefined Undefined
0A
Alarm 1: Day, Date
A1M4
*1
Day,
/Date
*1
0,
D20
0,
D10
0,
D8
W4,
D4
W2,
D2
W1,
D1
(default)
Undefined Undefined
Undefined
Undefined Undefined Undefined Undefined Undefined
0B
Alarm 2: Minutes
A2M2
*2
M40
M20
M10
M8
M4
M2
M1
(default)
Undefined Undefined
Undefined
Undefined Undefined Undefined Undefined Undefined
0C
Alarm 2: Hours
A2M3
*2
12, /24
H20 or P,/A
H10
H8
H4
H2
H1
(default)
Undefined Undefined
Undefined
Undefined Undefined Undefined Undefined Undefined
0D
Alarm 2: Day, Date
A2M4
*2
Day,
/Date
*2
0,
D20
0,
D10
0,
D8
W4,
D4
W2,
D2
W1,
D1
(default)
Undefined Undefined
Undefined
Undefined Undefined Undefined Undefined Undefined
*1 Note: Alarm mask bit, using to select Alarm 1 alarm rate.
*2 Note: Alarm mask bit, using to select Alarm 2 alarm rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com