Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C4337LE Datasheet(PDF) 21 Page - Pericom Semiconductor Corporation

Part # PT7C4337LE
Description  Real-time Clock Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4337LE Datasheet(HTML) 21 Page - Pericom Semiconductor Corporation

Back Button PT7C4337LE Datasheet HTML 15Page - Pericom Semiconductor Corporation PT7C4337LE Datasheet HTML 16Page - Pericom Semiconductor Corporation PT7C4337LE Datasheet HTML 17Page - Pericom Semiconductor Corporation PT7C4337LE Datasheet HTML 18Page - Pericom Semiconductor Corporation PT7C4337LE Datasheet HTML 19Page - Pericom Semiconductor Corporation PT7C4337LE Datasheet HTML 20Page - Pericom Semiconductor Corporation PT7C4337LE Datasheet HTML 21Page - Pericom Semiconductor Corporation PT7C4337LE Datasheet HTML 22Page - Pericom Semiconductor Corporation PT7C4337LE Datasheet HTML 23Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-06-0002
PT0205-9
06/18/13
21
PT7C4337
Real-time Clock Module (I
2C Bus)
UE(Lead free and Green MSOP-8)
Min
Max
A
0.82
1.10
A1
0.02
0.15
A2
0.75
0.95
b
0.25
0.38
c
0.09
0.23
D
2.90
3.10
E
2.90
3.10
E1
4.75
5.05
e
L
0.40
0.80
θ
0°
6°
Symbol
Dimensions In Millimeters
0.65 BSC
Note:
1) Controlling dimensions in millimeters.
2) Ref: JEDEC MO-187E/BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com