Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C43390C Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PT7C43390C
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390C Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PT7C43390C Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C43390C Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
9
PT7C43390/43390C
Real-time Clock Module
2.2. Configuration of Command
8 types of command are available for the RTC. The RTC reads / writes the various registers by inputting these fixed codes and
commands. The RTC does not perform any operation with any codes and commands other than those below. However, in case that
the fixed codes or the commands are failed to be recognized in the 1st byte but are successfully recognized in the 2nd and higher
bytes, the commands are executed.
*1. Write only flag. The PT7C43390 initializes by writing "1" in this register.
*2. Scratch bit. This is a register which is available for read / write operations and can be used by users freely.
*3. Read only flag. Valid only when use the alarm function. When the alarm time matches, this flag is set to "1", and it is cleared
to "0" when reading.
*4. Read only flag. "POC" is set to "1" when power is applied. It is cleared to "0" when reading. Regarding "BLD", refer to "Low
Power Supply Voltage Detection Circuit".
*5. Test bit. Be sure to set "0" in use.
*6. No effect when writing. It is "0" when reading.
3. Configuration of Registers
3.1. Real-time Data Register
The real-time data register is a 7-byte register that stores the data of year, month, day, day of the week, hour, minute, and second
in the BCD code. To write / read real-time data 1 access, transmit / receive the data of year in B7, month, day, day of the week,
hour, minute, second in B0, in 7-byte. When you skip the procedure to access the data of year, month, day, day of the week, read /
write real-time data 2 accesses. In this case, transmit / receive the data of hour in B7, minute, second in B0, in 3-byte.
The RTC transfers a set of data of time to the real-time data register when it recognizes the read command.
Therefore, the RTC keeps precise time even if time-carry occurs during the read operation of real-time data register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com