Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPD3 Datasheet(PDF) 4 Page - DENSEI-LAMBDA

Part # PPD3
Description  Single output DC-DC converter 1.5W ~ 25W????
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

PPD3 Datasheet(HTML) 4 Page - DENSEI-LAMBDA

  PPD3 Datasheet HTML 1Page - DENSEI-LAMBDA PPD3 Datasheet HTML 2Page - DENSEI-LAMBDA PPD3 Datasheet HTML 3Page - DENSEI-LAMBDA PPD3 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
122
PPD-SERIES
PPD1R5
PPD3
PPD6
PPD10
(Unit: mm)
Terminal assignments
*1
+V
*2
–V
INPUT
*3
+V
*4
–V
OUTPUT
*5
COM
Case: Copper (t = 0.4 mm)
Weight: 15g
Terminal assignments
*1
+V
*2
–V
INPUT
*3
+V
*4
–V
OUTPUT
*5
COM
Case: Copper (t = 0.4 mm)
Weight: 25g
Terminal assignments
*1
+V
*2
–V
INPUT
*3
+V
*4
–V
OUTPUT
*5
COM
Case: Copper (t = 0.4 mm)
Weight: 40g
Terminal assignments
*1
+V
*2
–V
INPUT
*3
+V
*4
–V
OUTPUT
*5
COM
Case: Copper (t = 0.4 mm)
Weight: 40g



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com