Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV3 Datasheet(PDF) 2 Page - DENSEI-LAMBDA

Part # PV3
Description  Single in-line DC-DC converter Single output 1.5W/3W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

PV3 Datasheet(HTML) 2 Page - DENSEI-LAMBDA

  PV3 Datasheet HTML 1Page - DENSEI-LAMBDA PV3 Datasheet HTML 2Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
124
Vdc
Vdc
mA
W
—
—
—
Input Voltage
Output Voltage (*1)
Output Current (max)
Output Power (max)
Withstand Voltage
Cooling
Operating Temperature
5VDC (4.5~9.0V)
±12V±5%
(±15V±5%)
0 ~ ±60
(0 ~ ±50)
1.44
(1.5)
12VDC (9~18V)
±12V±5%
(±15V±5%)
0 ~ ±60
(0 ~ ±50)
1.44
(1.5)
24VDC (18~36V)
±12V±5%
(±15V±5%)
0 ~ ±60
(0 ~ ±50)
1.44
(1.5)
48VDC (36~72V)
±12V±5%
(±15V±5%)
0 ~ ±60
(0 ~ ±50)
1.44
(1.5)
Model
PVD1R5-5-1212
PVD1R5-12-1212
PVD1R5-24-1212
PVD1R5-48-1212
Model name
PVD 3 - 24 - 1212
Features
Input/Output isolation
Single in-line type
Over current protection
Adjustable output voltage
Series
name
Output
power
Input
voltage
Output
voltage
PVD1R5 (1.5W type) Specifications
Outline drawing
Terminal connection
(*1) Refer to Terminal connection
(*2) External capacitors are required at both input and output.
(*3) Over current protection: Output current limiting automatic recovery. Avoid to operate overload or dead short for more than 30 seconds.
PVD-SERIES
Single in-line DC-DC converter
Dual output 1.5W/3W
Input to Output : 500VAC for 1 minute
Convection cooling
–20 ~ +70°C (–20 ~ +50°C: 100%, +70°C: 50%)
Vdc
Vdc
mA
W
—
—
—
Input Voltage
Output Voltage (*1)
Output Current (max)
Output Power (max)
Withstand Voltage
Cooling
Operating Temperature
5VDC (4.5~9.0V)
±12V±5%
(±15V±5%)
0 ~ ±125
(0 ~ ±100)
3.0
12VDC (9~18V)
±12V±5%
(±15V±5%)
0 ~ ±125
(0 ~ ±100)
3.0
24VDC (18~36V)
±12V±5%
(±15V±5%)
0 ~ ±125
(0 ~ ±100)
3.0
48VDC (36~72V)
±12V±5%
(±15V±5%)
0 ~ ±125
(0 ~ ±100)
3.0
Model
PVD3-5-1212
PVD3-12-1212
PVD3-24-1212
PVD3-48-1212
Input to Output : 500VAC for 1 minute
Convection cooling
–20 ~ +70°C (–20 ~ +50°C: 100%, +70°C: 50%)
PVD3 (3W type) Specifications
PVD1R5 (1.5W type)
PVD3 (3W type)
1 : +V Output pin
5 : TRM Output voltage setting pin
2,3: Common ground pin
7,8 : –V Input pin
4 : –V Output pin
9,10 : +V Input pin
1,2: +V Output pin
7
: TRM Output voltage setting pin
3,4: Common ground pin
9,10 : –V Input pin
5,6: –V Output pin
11,12: +V Input pin
Output voltage can be adjusted by TRM terminal.
Output power must be within the rating, when increasing the output voltage.
PPD1R5 (1.5W type)
±12V output: 5pin open ±15V output: 5pin to 4pin connected
PPD3 (3W type)
±12V output: 7pin open ±15V output: 7pin to 5pin (6pin) connected



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com