Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWT30 Datasheet(PDF) 2 Page - DENSEI-LAMBDA

Part # SWT30
Description  Triple output 30W ~ 100W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

SWT30 Datasheet(HTML) 2 Page - DENSEI-LAMBDA

  SWT30 Datasheet HTML 1Page - DENSEI-LAMBDA SWT30 Datasheet HTML 2Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
82
SWT-SERIES
SWT30
SWT40
SWT65
(Unit: mm)
(Unit: mm)
(Unit: mm)
(Unit: mm)
LEAD CUT
LESS THAN
3MAX
4 - ø3.5
(MOUNTING HOLES)
COMPONENT SIDE
INPUT
OUTPUT
4 - ø3.5
(MOUNTING HOLES)
COMPONENT SIDE
INPUT
OUTPUT
LEAD CUT
LESS THAN
3MAX
4 - ø3.5
(MOUNTING HOLES)
COMPONENT SIDE
INPUT
OUTPUT
5 - ø3.5
(MOUNTING HOLES)
COMPONENT SIDE
INPUT
OUTPUT
LEAD CUT
LESS THAN
3MAX
MAW-1202-22
GO!!
P134
Recommended Noise Filter
MAW-1202-22
GO!!
P134
Recommended Noise Filter
MAW-1203-22
GO!!
P134
Recommended Noise Filter
MAW-1205-22
GO!!
P134
Recommended Noise Filter
SWT100
LEAD CUT
LESS THAN
3MAX



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com