Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08231CIWM Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08231CIWM
Description  8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08231CIWM Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button ADC08231CIWM Datasheet HTML 10Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 11Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 12Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 13Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 14Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 15Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 16Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 17Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Functional Description (Continued)
TABLE II MUX Addressing ADC08238
(Continued)
Differential MUX Mode
MUX Address
Analog Differential Channel-Pair
START
SGL
ODD
SELECT
0
1
2
3
DIF
SIGN
1
0
01234567
10
0
0
0
ab
10
0
0
1
ab
10
0
1
0
ab
10
0
1
1
ab
10
1
0
0
ba
10
1
0
1
ba
10
1
1
0
ba
10
1
1
1
ba
TABLE III MUX Addressing ADC08234
Single-Ended MUX Mode
MUX Address
Channel
START
SGL
ODD
SELECT
0123
DIF
SIGN
1
11
0
0
a
11
0
1
a
11
1
0
a
11
1
1
a
COM is internally tied to AGND
Differential MUX Mode
MUX Address
Channel
START
SGL
ODD
SELECT
0123
DIF
SIGN
1
10
0
0
ab
10
0
1
ab
10
1
0
ba
10
1
1
ba
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com