Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT60-522 Datasheet(PDF) 2 Page - DENSEI-LAMBDA

Part # VT60-522
Description  Triple output 15W ~ 60W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

VT60-522 Datasheet(HTML) 2 Page - DENSEI-LAMBDA

  VT60-522 Datasheet HTML 1Page - DENSEI-LAMBDA VT60-522 Datasheet HTML 2Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
84
VT-SERIES
VT15
VT30
VT60
(Unit: mm)
(Unit: mm)
(Unit: mm)
INPUT
LEAD CUT
LESS THAN
COMPONENT SIDE
(MOUNTING HOLES)
INPUT
OUTPUT
LEAD CUT
LESS THAN
COMPONENT SIDE
(MOUNTING HOLES)
INPUT
OUTPUT
LEAD CUT
LESS THAN
OUTPUT
COMPONENT SIDE
(MOUNTING HOLES)
MAW-1201-22
GO!!
P134
Recommended Noise Filter
MAW-1201-22
GO!!
P134
Recommended Noise Filter
MAW-1201-22
GO!!
P134
Recommended Noise Filter



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com