Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPHA400 Datasheet(PDF) 2 Page - DENSEI-LAMBDA

Part # ALPHA400
Description  Modular Watt Box Multi-Output Power Supplies 250W/400W/600W/800W/1250W
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

ALPHA400 Datasheet(HTML) 2 Page - DENSEI-LAMBDA

  ALPHA400 Datasheet HTML 1Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 2Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 3Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 4Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 5Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 6Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 7Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 8Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 9Page - DENSEI-LAMBDA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Features
181
What is the trouble with multi-output power supply?
Requires trial sample in a short period after the specification is fixed.
Have to pay the cost of developing power supply and its initial-cost.
Have trouble on the spending cost and the time for applying the safety standards.
Have problem of CE marking for exporting to EU.
Have to spend time more for designing one's own products or system without power supply.
The standardization of power supply.
Considering OEM
Outputs: up to 6CH
Total wattage: 250W
Outputs: up to 7CH
Total wattage: 400W/600W
Outputs: up to 14CH
Total wattage: 800W
(Max. 1000W peak)
Single Output
Output wattage: 1250W
Modular Watt Box
Multi-Output Power Supplies 250W/400W/600W/800W/1250W
1
sample delivering
2weeks
3 to 4 months
2
initial cost
Design cost
no
need
Application for safety standard
no
need
Tools and dais
no
need
3
safety standard application
approved by UL/C-UL/SEMKO,
need
compliance with CE-Marking
4
harmonics restrain
installed PFHC
EN61000-3-2
need to design the circuit
5
size
already known before starting the design
unknown until design finish
6
min. order qty.
from 1 unit
has to consider the ordering qty., delivery term, stock
Alpha series
OEM power supply



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com