Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMZ22010 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22010
Description  10A SIMPLE SWITCHER Power Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ22010 Datasheet(HTML) 2 Page - Texas Instruments

  LMZ22010 Datasheet HTML 1Page - Texas Instruments LMZ22010 Datasheet HTML 2Page - Texas Instruments LMZ22010 Datasheet HTML 3Page - Texas Instruments LMZ22010 Datasheet HTML 4Page - Texas Instruments LMZ22010 Datasheet HTML 5Page - Texas Instruments LMZ22010 Datasheet HTML 6Page - Texas Instruments LMZ22010 Datasheet HTML 7Page - Texas Instruments LMZ22010 Datasheet HTML 8Page - Texas Instruments LMZ22010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LMZ22010
SNVS687H – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Application and Implementation ........................ 18
8.1
Application Information............................................ 18
2
Applications ........................................................... 1
8.2
Typical Application ................................................. 18
3
Description ............................................................. 1
9
Power Supply Recommendations ...................... 24
4
Revision History..................................................... 2
10
Layout................................................................... 24
5
Pin Configuration and Functions ......................... 3
10.1
Layout Guidelines ................................................. 24
6
Specifications......................................................... 4
10.2
Layout Examples................................................... 25
6.1
Absolute Maximum Ratings ..................................... 4
10.3
Power Dissipation and Thermal Considerations ... 27
6.2
ESD Ratings.............................................................. 4
10.4
Power Module SMT Guidelines ............................ 27
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 29
6.4
Thermal Information .................................................. 4
11.1
Device Support...................................................... 29
6.5
Electrical Characteristics........................................... 5
11.2
Documentation Support ........................................ 29
6.6
Typical Characteristics ............................................. 6
11.3
Community Resources.......................................... 29
7
Detailed Description ............................................ 14
11.4
Trademarks ........................................................... 29
7.1
Overview ................................................................. 14
11.5
Electrostatic Discharge Caution ............................ 29
7.2
Functional Block Diagram ....................................... 14
11.6
Glossary ................................................................ 29
7.3
Feature Description................................................. 14
12
Mechanical, Packaging, and Orderable
7.4
Device Functional Modes........................................ 17
Information ........................................................... 30
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (October 2013) to Revision H
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
•
Deleted Easy-to-Use Pin Package image ............................................................................................................................. 1
Changes from Revision F (March 2013) to Revision G
Page
•
Deleted 12 mils ....................................................................................................................................................................... 3
•
Deleted 12 mil......................................................................................................................................................................... 4
•
Changed 12 mil .................................................................................................................................................................... 24
•
Changed 12 mil .................................................................................................................................................................... 27
•
Added Power Module SMT Guidelines................................................................................................................................. 27
2
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ22010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com