Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3210A-152S1 Datasheet(PDF) 1 Page - Hirose Electric

Part # 3210A-152S1
Description  Interface Connectors with 0.8mm spacing Docking Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

3210A-152S1 Datasheet(HTML) 1 Page - Hirose Electric

  3210A-152S1 Datasheet HTML 1Page - Hirose Electric 3210A-152S1 Datasheet HTML 2Page - Hirose Electric 3210A-152S1 Datasheet HTML 3Page - Hirose Electric 3210A-152S1 Datasheet HTML 4Page - Hirose Electric 3210A-152S1 Datasheet HTML 5Page - Hirose Electric 3210A-152S1 Datasheet HTML 6Page - Hirose Electric 3210A-152S1 Datasheet HTML 7Page - Hirose Electric 3210A-152S1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image


Similar Part No. - 3210A-152S1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
3210A-15PA41 HIROSE-3210A-15PA41 Datasheet
872Kb / 8P
15-Pin Connectors for I/O Card Interfaces
3210A-15PB41 HIROSE-3210A-15PB41 Datasheet
872Kb / 8P
15-Pin Connectors for I/O Card Interfaces
3210A-15PC41 HIROSE-3210A-15PC41 Datasheet
872Kb / 8P
15-Pin Connectors for I/O Card Interfaces
3210A-15PD41 HIROSE-3210A-15PD41 Datasheet
872Kb / 8P
15-Pin Connectors for I/O Card Interfaces
3210A-15PE41 HIROSE-3210A-15PE41 Datasheet
872Kb / 8P
15-Pin Connectors for I/O Card Interfaces
More results

Similar Description - 3210A-152S1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT10-2022SCF HIROSE-GT10-2022SCF Datasheet
177Kb / 8P
Subminiature ECU Interface Connectors
logo
Mitsumi Electronics, Co...
CAM-G93 MITSUMI-CAM-G93 Datasheet
60Kb / 2P
Interface Connectors for Cradle
CAM-G75 MITSUMI-CAM-G75 Datasheet
76Kb / 2P
Interface Connectors for Cradle
logo
Panasonic Semiconductor
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
Narrow pitch connectors (0.8mm pitch)
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
10Gbps 0.8mm pitch Board to Board Connectors
logo
List of Unclassifed Man...
SM02B-SURS-TF ETC2-SM02B-SURS-TF Datasheet
84Kb / 2P
0.8mm pitch/Disconnectable Insulation displacement connectors
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBW20 ECE-EBW20 Datasheet
136Kb / 2P
0.8mm Contact Spacing, Board To Wire Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com