Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN1CS1 Datasheet(PDF) 3 Page - Vicor Corporation

Part # EN1CS1
Description  Component Power Front-end System for EN Compliance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

EN1CS1 Datasheet(HTML) 3 Page - Vicor Corporation

  EN1CS1 Datasheet HTML 1Page - Vicor Corporation EN1CS1 Datasheet HTML 2Page - Vicor Corporation EN1CS1 Datasheet HTML 3Page - Vicor Corporation EN1CS1 Datasheet HTML 4Page - Vicor Corporation EN1CS1 Datasheet HTML 5Page - Vicor Corporation EN1CS1 Datasheet HTML 6Page - Vicor Corporation EN1CS1 Datasheet HTML 7Page - Vicor Corporation EN1CS1 Datasheet HTML 8Page - Vicor Corporation EN1CS1 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ENMODS™
Rev 3.1
vicorpower.com
Page 3 of 13
06/2015
800 927.9474
EN1xxx
ELECTROMAGNETIC COMPATIBILITY (configured as illustrated in Figures 1a and 1b)
Parameter
Standard
Notes
Harmonic currents
EN61000-3-2, Amendment 14
50 – 625 W, 230 Vac input 575 W output
(see Figure 2)
Line disturbance / immunity
EN61000-4-11
Interruptions and brownouts
Transient / surge immunity
EN61000-4-5
2 kV – 50 µs line or neutral to earth
1 kV – 50 µs line to neutral
Conducted emissions
EN55022, Level B
With filter
(see Figures 1a and 1b)
Flicker / inrush
EN6100-3-3
ELECTRICAL CHARACTERISTICS (CONT.)
AGENCY APPROVALS
Safety Standards
Agency Markings
Notes
FARM3
EN60950, UL60950, CSA 60950
cTÜVus
See License Conditions on the safety certificate
CE Marked
Low voltage directive
MiniHAM
EN60950, UL60950, CSA 60950
cTÜVus
See License Conditions on the safety certificate
CE Marked
Low voltage directive
Parameter
Min
Typ
Max
Unit
Notes
Baseplate material
Aluminum
MiniHAM cover
Dupont Zenite / Aluminum
FARM3 cover
Polyethermide
Pin material
Style 1 & 2
Copper, Tin/Lead solder plating
Style S & N (ModuMate compatible), Style F & G (RoHS compliant)
Copper, Nickel/Gold plating
Weight
FARM3
3.1 (88)
Ounces (grams)
MiniHAM
5.1 (145)
Ounces (grams)
Size
2.25 x 2.2 x 0.5
Inches
Vicor’s standard mini half-brick package
57,9 x 55,9 x 12,7
mm
MTBF
>1,000,000
Hours
25˚C, Ground Benign MIL HDBK 217F
GENERAL SPECIFICATIONS
SAFETY SPECIFICATIONS (with baseplate earthed and quick acting line fuse 10 A max.)
Parameter
Min
Typ
Max
Unit
Notes
Isolation (in to out)
None
Isolation provided by DC-DC converter(s)
Dielectric withstand
2,121
Vdc
Baseplate earthed
(I/O to baseplate)
Leakage current
2.5
mA
264 Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com