Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-310 Datasheet(PDF) 1 Page - Hirose Electric

Part # AT-310
Description  Fixed Attenuators (SMA Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

AT-310 Datasheet(HTML) 1 Page - Hirose Electric

  AT-310 Datasheet HTML 1Page - Hirose Electric AT-310 Datasheet HTML 2Page - Hirose Electric AT-310 Datasheet HTML 3Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
78
Fixed Attenuators (SMA Type)
AT-100, AT-200, and AT-300 Series
AT-103
AT-206
AT-310
sFeatures
1.Abundant Variations of Attenuators
Attenuation amounts are available in abundant
variations from 0 to 4 dB in 0.5 dB steps, from 4 to
10 dB in 1 dB steps, and in 12, 13, 15, 20, 26 and
30 dB so that levels can be finely adjusted.
2.SMA Type
The coupling portions are available in all types of
plug and jack combinations and stainless steel is
used for the external cladding to form a small and
durable structure.
3.High Degree of Matching and High Reliability
The design of the attenuation element uses a
distributed constant circuit and metal film resistor. A
high degree of matching is achieved as indicated in
the VSWR of the appended tables. Furthermore,
these attenuators show stable characteristics for
environments of varying temperature, humidity, and
gases.
sProduct Specifications
Ratings
Rated frequency range (Note)
Characteristic impedance
Maximum Input Power
DC to 18.0 GHz
50 ohms
1 W
Operating temperature range
Operating relative humidity
-10ç to +65ç
95% Max.
Note: The frequency range will differ depending on the model.
Item
Standard
Conditions
1.Vibration
2.Shock
3.Temperature cycle
No electrical discontinuity of 1 µs or more
No damage, cracks, or parts dislocation
No damage, cracks, or parts dislocation
Frequency of 10 to 2000 Hz, overall amplitude of 1.52 mm,
acceleration of 98 m/s2 for 2 hours in each of 3 directions
Acceleration of 490 m/s2, sine half-wave waveform,
3 cycles in each of the 3 axis
Temperature: -55
ç ¡ +5ç to +35ç ¡ +85ç ¡ +5ç to +35ç
Time: 30 ¡ 15 max. ¡ 30 ¡ 15 max. (Minutes)
200 cycles
qThe test method conforms to MIL-STD-202.
sMaterials
sOrdering Information
1
2
3
AT - 1 00-(0)
AT: Indicates a fixed attenuator
Indicates the Series Name (Coupling Portion)
1: SMA plug - jack
2: SMA plug - plug
3: SMA jack - jack
1
2
Attenuation
01
: 1dB
06
: 6dB
00-(0)
: 0dB
(Through)
00-(0.5)
: 0.5dB
00-(3.5)
: 3.5dB
3
Part
Connector Body
Stainless steel
Passivated
Insulator
Male contacts
Female contacts
Attenuation element
PTFE
Beryllium copper
Beryllium copper
Metal film
----------
Gold plating
Gold plating
----------
Material
Finish


Similar Part No. - AT-310

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-31011 HP-AT-31011 Datasheet
137Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-31011 AVAGO-AT-31011 Datasheet
274Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
AT-31011 BOARDCOM-AT-31011 Datasheet
274Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-31011-BLK HP-AT-31011-BLK Datasheet
137Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011-TR1 HP-AT-31011-TR1 Datasheet
137Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
More results

Similar Description - AT-310

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-1903 HIROSE-AT-1903 Datasheet
41Kb / 2P
Fixed Attenuators - 2W power (SMA type)
HRFC-AT11K-A01 HIROSE-HRFC-AT11K-A01 Datasheet
77Kb / 3P
FC Type Fixed Attenuators
HSC-AT11CS-A01 HIROSE-HSC-AT11CS-A01 Datasheet
163Kb / 2P
SC-Type Optical Fixed Attenuators
HSC-AT11K-A00 HIROSE-HSC-AT11K-A00 Datasheet
226Kb / 5P
SC Type Fixed Attenuators
logo
Mini-Circuits
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
FIXED ATTENUATORS
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
FIXED ATTENUATORS
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
FIXED ATTENUATORS
logo
Hirose Electric
AT-2600 HIROSE-AT-2600 Datasheet
125Kb / 1P
Waterproof Fixed Attenuators (N Type)
logo
Mini-Circuits
K2-VAT-A+ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
Fixed Attenuators
REV. OR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com