Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW110 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW110
Description  HMIC Silicon PIN Diode Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW110 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4SW110_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW110_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW110_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW110_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW110_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW110_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW110_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4SW110_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4SW110_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HMIC™ Silicon PIN Diode Switches
Rev. V10
MA4SWx10 Series
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Insertion Loss vs. Bias Current
Absolute Maximum Ratings3,4,5
Parameter
Absolute Maximum
RF CW Incident Power
+33 dBm
Reverse Voltage
-50 V
Bias Current per Port
±50 mA @ +25°C
Operating Temperature
-65°C to +125°C
Storage Temperature
-65°C to +150°C
Junction Temperature
+175°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. MACOM does not recommend sustained operation near these
survivability limits.
5. Maximum operating conditions for a combination of RF power,
DC bias and temperature: +33 dBm CW @ 15 mA (per diode)
+85°C.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
These
electronic
devices
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these Class 0
(HBM) and Class C1 (CDM).devices.
Typical Performance Curves @ 10 GHz:
Input Return Loss vs. Bias Current
Isolation vs. Bias Current
Output Return Loss vs. Bias Current
-0.7
-0.6
-0.5
-0.4
-0.3
0
10
20
30
40
50
MA4SW110
MA4SW210
MA4SW310
Current (mA)
-54
-52
-50
-48
-46
0
10
20
30
40
50
MA4SW110
MA4SW210
MA4SW310
Current (mA)
-35
-30
-25
-20
-15
0
10
20
30
40
50
MA4SW110
MA4SW210
MA4SW310
Current (mA)
-35
-30
-25
-20
-15
0
10
20
30
40
50
MA4SW110
MA4SW210
MA4SW310
Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com